Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB601R Datasheet (PDF) - Seoul Semiconductor

Part # HB601R
Description  2.1*1.0*0.6 mm Side Type Wavelength: 470nm
File Size   401.77 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HB601R Datasheet (PDF) - Seoul Semiconductor



Similar Part No. - HB601R

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
HB600 MICRO-ELECTRONICS-HB600 Datasheet
95Kb / 2P
LF0059
More results


Similar Description - HB601R

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HB1701 SEOUL-HB1701 Datasheet
386Kb / 12P
2.1*0.6*0.88 mm Inner Lens type Wavelength: 465 nm
logo
Marktech Corporate
MTE3047M3A-UB MARKTECH-MTE3047M3A-UB Datasheet
617Kb / 3P
Peak Emission Wavelength: 470nm
MTE3047N-UB MARKTECH-MTE3047N-UB Datasheet
690Kb / 3P
Peak Emission Wavelength: 470nm
MTE3047W-UB MARKTECH-MTE3047W-UB Datasheet
582Kb / 3P
Peak Emission Wavelength: 470nm
MTE4047C5-UB MARKTECH-MTE4047C5-UB Datasheet
510Kb / 3P
Peak Emission Wavelength: 470nm
MTE4047NJ2-UB MARKTECH-MTE4047NJ2-UB Datasheet
907Kb / 3P
Peak Emission Wavelength: 470nm
logo
STANLEY ELECTRIC CO.,LT...
UB1113F-TR STANLEY-UB1113F-TR Datasheet
317Kb / 20P
Right Angle Type (2.1 x 1.0 mm) Type, Milky White resin
PG1113F STANLEY-PG1113F Datasheet
286Kb / 15P
Single Color Right Angle Type (2.1 X 1.0 mm)
logo
HK TO-GRACE TECHNOLOGY ...
KPA-2107CGCK TO-GRACE-KPA-2107CGCK Datasheet
849Kb / 4P
2.1 x 0.6 mm Right Angle Surface LED Lamp
KPA-2107VBC-D TO-GRACE-KPA-2107VBC-D Datasheet
868Kb / 4P
2.1 x 0.6 mm Right Angle Surface LED Lamp
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com