Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE35639 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE35639
Description  CABLE ASSEMBLY RG405/U 2.4mm MALE TO 2,4mm MALE
File Size   267.25 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35639 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE35639

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35639LF PASTERNACK-PE35639LF Datasheet
276Kb / 1P
CABLE ASSEMBLY RG405/U 2.4mm MALE TO 2.4mm TO 2.4 mm MALE(LEAD FREE)
More results


Similar Description - PE35639

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3818 PASTERNACK-PE3818 Datasheet
263Kb / 1P
CABLE ASSEMBLY RG405/U SMA MALE TO SMA MALE
PE35639LF PASTERNACK-PE35639LF Datasheet
276Kb / 1P
CABLE ASSEMBLY RG405/U 2.4mm MALE TO 2.4mm TO 2.4 mm MALE(LEAD FREE)
PE35654 PASTERNACK-PE35654 Datasheet
271Kb / 1P
CABLE ASSEMBLY, RG405/U 2.4mm MALE TO 2.4mm FEMALE
PE35660LF PASTERNACK-PE35660LF Datasheet
278Kb / 1P
CABLE ASSEMBLY RG405/U 2.4mm MALE TO 2.92 mm MALE(LEAD FREE)
PE35666LF PASTERNACK-PE35666LF Datasheet
228Kb / 1P
CABLE ASSEMBLY RG405/U 2.4mm MALE TO SMA MALE(LEAD FREE)
PE36527 PASTERNACK-PE36527 Datasheet
269Kb / 1P
CABLE ASSEMBLY RG405/U 1.85mm MALE TO 2.4mm MALE
PE3678 PASTERNACK-PE3678 Datasheet
265Kb / 1P
CABLE ASSEMBLY, RG405/U, BNC MALE TO BNC MALE
PE35666 PASTERNACK-PE35666 Datasheet
266Kb / 1P
CABLE ASSEMBLY RG405/U 2.4mm MALE TO SMA MALE
PE36527LF PASTERNACK-PE36527LF Datasheet
278Kb / 1P
CABLE ASSEMBLY RG405/U 1.85mm MALE TO 2.4mm MALE (LEAD FREE)
PE35660 PASTERNACK-PE35660 Datasheet
269Kb / 1P
CABLE ASSEMBLY, RG405/U, 2.4mm MALE TO 2.92mm MALE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com