Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE35672 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE35672
Description  CABLE ASSEMBLY PE-SR405AL 2.4mm MALE TO 2.4mm MALE
File Size   107.7 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35672 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE35672

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35672-12 PASTERNACK-PE35672-12 Datasheet
354Kb / 4P
2.4mm Male to 2.4mm Male Cable 12 Inch Length Using PE-SR405AL Coax
PE35672-18 PASTERNACK-PE35672-18 Datasheet
354Kb / 4P
2.4mm Male to 2.4mm Male Cable 18 Inch Length Using PE-SR405AL Coax
PE35672-24 PASTERNACK-PE35672-24 Datasheet
354Kb / 4P
2.4mm Male to 2.4mm Male Cable 24 Inch Length Using PE-SR405AL Coax
PE35672-36 PASTERNACK-PE35672-36 Datasheet
354Kb / 4P
2.4mm Male to 2.4mm Male Cable 36 Inch Length Using PE-SR405AL Coax
PE35672-48 PASTERNACK-PE35672-48 Datasheet
354Kb / 4P
2.4mm Male to 2.4mm Male Cable 48 Inch Length Using PE-SR405AL Coax
More results


Similar Description - PE35672

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35662LF PASTERNACK-PE35662LF Datasheet
106Kb / 1P
CABLE ASSEMBLY PE-SR405AL 2.4mm MALE TO 2.92mm MALE
PE35672LF PASTERNACK-PE35672LF Datasheet
104Kb / 1P
CABLE ASSEMBLY, PE-SR405AL, 2.4MM MALE TO 2.4MM MALE
PE35662 PASTERNACK-PE35662 Datasheet
109Kb / 1P
CABLE ASSEMBLY PE-SR405AL 2.4mm MALE TO 2.92mm MALE
PE35668 PASTERNACK-PE35668 Datasheet
106Kb / 1P
CABLE ADDEMBLY, PE-SR405AL, 2.4mm MALE TO SMA MALE
PE35672-6 PASTERNACK-PE35672-6 Datasheet
354Kb / 4P
2.4mm Male to 2.4mm Male Cable 6 Inch Length Using PE-SR405AL Coax
PE35672-12 PASTERNACK-PE35672-12 Datasheet
354Kb / 4P
2.4mm Male to 2.4mm Male Cable 12 Inch Length Using PE-SR405AL Coax
PE35672-18 PASTERNACK-PE35672-18 Datasheet
354Kb / 4P
2.4mm Male to 2.4mm Male Cable 18 Inch Length Using PE-SR405AL Coax
PE35672-48 PASTERNACK-PE35672-48 Datasheet
354Kb / 4P
2.4mm Male to 2.4mm Male Cable 48 Inch Length Using PE-SR405AL Coax
PE35672-60 PASTERNACK-PE35672-60 Datasheet
354Kb / 4P
2.4mm Male to 2.4mm Male Cable 60 Inch Length Using PE-SR405AL Coax
PE35658LF PASTERNACK-PE35658LF Datasheet
281Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO 2.4mm FEMALE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com