Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3417A Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

Part # AP3417A
Description  1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
File Size   499.45 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3417A Datasheet (PDF) - BCD Semiconductor Manufacturing Limited



Similar Part No. - AP3417A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Rev 2
AP3417CDNTR-G1 DIODES-AP3417CDNTR-G1 Datasheet
600Kb / 12P
SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Rev 2
AP3417CKTR-G1 DIODES-AP3417CKTR-G1 Datasheet
600Kb / 12P
SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Rev 2
More results


Similar Description - AP3417A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410_10 Datasheet
463Kb / 10P
1A / 1.4MHz Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3418 BCDSEMI-AP3418 Datasheet
500Kb / 12P
1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
High Efficiency Synchronous DC/DC Buck Converter
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Skyworks Solutions Inc.
AAT2512 SKYWORKS-AAT2512 Datasheet
1Mb / 19P
Dual 1.4MHz, 400mA Synchronous Buck DC/DC Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com