Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC025ABK-M Datasheet (PDF) - Freescale Semiconductor, Inc

Part # CC025ABK-M
Description  CC025 Triple-Output-Series Power Modules: 18 Vdc to 36 Vdc Input; 25 W
File Size   832.5 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CC025ABK-M Datasheet (PDF) - Freescale Semiconductor, Inc



Similar Part No. - CC025ABK-M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CC02 ALLIED-CC02 Datasheet
575Kb / 2P
Ceramic Core Chip Inductors
CC02-10NK-RC ALLIED-CC02-10NK-RC Datasheet
393Kb / 1P
Ceramic Core Chip Inductors
logo
BRIGHT LED ELECTRONICS ...
CC02-10NK-RC BRIGHT-CC02-10NK-RC Datasheet
396Kb / 1P
Ceramic Core Chip Inductors
logo
Allied Components Inter...
CC02-10NK-RC ALLIED-CC02-10NK-RC Datasheet
575Kb / 2P
Ceramic Core Chip Inductors
CC02-11NK-RC ALLIED-CC02-11NK-RC Datasheet
393Kb / 1P
Ceramic Core Chip Inductors
More results


Similar Description - CC025ABK-M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
SMLW010 MACOM-SMLW010 Datasheet
222Kb / 16P
SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
LC010 MACOM-LC010 Datasheet
517Kb / 24P
Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
List of Unclassifed Man...
FC050S6R5 ETC1-FC050S6R5 Datasheet
1Mb / 14P
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
FC250R MACOM-FC250R Datasheet
1Mb / 20P
Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
logo
General Semiconductor
CW025ABK-M GE-CW025ABK-M Datasheet
799Kb / 20P
CW025 Triple-Output-Series Power Modules: 36 Vdc to 75 Vdc Input; 25W
DW025AJ-M GE-DW025AJ-M Datasheet
719Kb / 20P
DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
logo
Lineage Power Corporati...
DW025ABK-M LINEAGEPOWER-DW025ABK-M Datasheet
692Kb / 20P
DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com