Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT1140 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

Part # AT1140
Description  General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
File Size   382.48 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AT1140 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited



Similar Part No. - AT1140

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
AT114008 ASS-AT114008 Datasheet
303Kb / 2P
1 POS, PLUG, SOCKET, STRUCTURE PLUS™ ATHD, SIZE 8, BLACK
Rev. A2
More results


Similar Description - AT1140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IT8706R ETC1-IT8706R Datasheet
294Kb / 27P
Special General Purpose I/O
logo
Intel Corporation
4265 INTEL-4265 Datasheet
47Kb / 1P
PROGRAMMABLE GENERAL PURPOSE I/O DEVICE
logo
BCD Semiconductor Manuf...
AT1020 BCDSEMI-AT1020 Datasheet
283Kb / 7P
General Purpose ITVS, 2 I/Os, CI/O-VSS<1.1pF, with VCC
AT1040 BCDSEMI-AT1040 Datasheet
304Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1041 BCDSEMI-AT1041 Datasheet
511Kb / 7P
Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT1042 BCDSEMI-AT1042 Datasheet
305Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1240 BCDSEMI-AT1240 Datasheet
322Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT2041 BCDSEMI-AT2041 Datasheet
291Kb / 7P
Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT2042 BCDSEMI-AT2042 Datasheet
298Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<1.5pF
AT2140 BCDSEMI-AT2140 Datasheet
332Kb / 7P
High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com