Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53D Datasheet (PDF) - Vishay Siliconix

Part # 53D
Description  Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
File Size   77.62 Kbytes
Html View  1   2   3   4 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

53D Datasheet (PDF) - Vishay Siliconix



Similar Part No. - 53D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
53D VISHAY-53D Datasheet
170Kb / 4P
Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
22-Jul-08
logo
SUNMATE electronic Co.,...
53D SUNMATE-53D Datasheet
888Kb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
53D YINT-53D Datasheet
467Kb / 3P
High-Energy Varistors
logo
YAGEO Corporation
53D YAGEO-53D Datasheet
432Kb / 7P
Metal Oxide Varistor (MOV)
Apr. 25, 2024 V.0
logo
Vishay Siliconix
53D101F250GJ6 VISHAY-53D101F250GJ6 Datasheet
170Kb / 4P
Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
22-Jul-08
More results


Similar Description - 53D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D Datasheet
43Kb / 2P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
17-Nov-06
53D VISHAY-53D Datasheet
170Kb / 4P
Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
22-Jul-08
601D VISHAY-601D_08 Datasheet
148Kb / 3P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
10-Jul-08
516D VISHAY-516D Datasheet
89Kb / 7P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
12-Apr-12
TVAATOM VISHAY-TVAATOM Datasheet
73Kb / 5P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
16-Apr-13
TVA1410 VISHAY-TVA1410 Datasheet
73Kb / 5P
Aluminum Capacitors 85 C, Miniature, Axial Lead
16-Apr-13
TVATOM VISHAY-TVATOM_15 Datasheet
67Kb / 5P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
03-Mar-15
516D VISHAY-516D_V01 Datasheet
98Kb / 7P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
04-May-2018
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com