Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4515 Datasheet (PDF) - Cooper Bussmann, Inc.

Part # 4515
Description  Single pole fuse blocks for 13??2" X 1 1??" (10.3 X 38.1mm) fuses
File Size   98.86 Kbytes
Html View  1 
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

4515 Datasheet (PDF) - Cooper Bussmann, Inc.



Similar Part No. - 4515

ManufacturerPart #DatasheetDescription
logo
Heyco.
4515 HEYCO-4515 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Keystone Electronics Co...
4515 KEYSTONE-4515 Datasheet
413Kb / 1P
TO-3 POWER TRANSISTOR SOCKET & MOUNTING KITS
31-07 20th
logo
RAF ELECTRONIC HARDWARE
4515-440-SS RAF-4515-440-SS Datasheet
84Kb / 1P
3/16 HEX MALE FEMALE STANDOFFS
logo
TE Connectivity Ltd
4515-DS3A030DP TEC-4515-DS3A030DP Datasheet
595Kb / 16P
MS4525
04/2019
4515-DS3A030DP TEC-4515-DS3A030DP Datasheet
595Kb / 16P
MS4525 SPECIFICATIONS
04/2019
More results


Similar Description - 4515

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L60030M-1C LITTELFUSE-L60030M-1C Datasheet
122Kb / 1P
Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
logo
Cooper Bussmann, Inc.
HTB-X2I COOPER-HTB-X2I Datasheet
339Kb / 2P
Fuse Holders for 1?? x 1 1?? and 5 x 20mm Fuses
4421 COOPER-4421 Datasheet
98Kb / 1P
Single pole fuse blocks for 13??2" X 1 1??" (10.3 X 38.1mm) fuses.
MIC-3 COOPER-MIC-3 Datasheet
32Kb / 2P
Indicating, Fast-Acting Fuse For 13/32??x 1-1/2??(10.3mm x 38.1mm)
HTB-X2I20 COOPER-HTB-X2I20 Datasheet
339Kb / 2P
Fuse Holders for 1?? x 1 1?? and 5 x 20mm Fuses
logo
List of Unclassifed Man...
FNQ-1 ETC2-FNQ-1 Datasheet
373Kb / 2P
13??2? x 1-1??? 500Vac Time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
BAF-1 COOPER-BAF-1 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
S8000 COOPER-S8000 Datasheet
120Kb / 2P
1/4" x 11/4" Fuse Blocks
logo
Eaton All Rights Reserv...
BAF EATON-BAF Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
FNM EATON-FNM Datasheet
472Kb / 3P
FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com