Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1300ECLAP Datasheet (PDF) - Littelfuse

Part # P1300ECLAP
Description  Fails short circuit when surged in excess of ratings
File Size   163.22 Kbytes
Html View  1   2   3   4   5 
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1300ECLAP Datasheet (PDF) - Littelfuse



Similar Part No. - P1300ECLAP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1300ECL LITTELFUSE-P1300ECL Datasheet
149Kb / 3P
SIDACtor짰 Device
P1300ECL LITTELFUSE-P1300ECL Datasheet
173Kb / 3P
TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
logo
HuaXinAn Electronics CO...
P1300ECL HUAXINAN-P1300ECL Datasheet
390Kb / 7P
SIDACtor Protection Thyristors
P1300ECL HUAXINAN-P1300ECL Datasheet
285Kb / 6P
Thyristor Surge Suppressors
logo
HUAAN LIMITED
P1300ECL HUAAN-P1300ECL Datasheet
284Kb / 6P
Thyristor Surge Suppressors
More results


Similar Description - P1300ECLAP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
16021-4 COOPER-16021-4 Datasheet
1Mb / 23P
Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
Output Current in Excess of 1A
logo
Texas Instruments
LM78M05CDTX TI-LM78M05CDTX Datasheet
1Mb / 18P
Output Current in Excess of 0.5A, No External Components
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
NXP Semiconductors
HEF4049BT-652 NXP-HEF4049BT-652 Datasheet
141Kb / 12P
Accepts input voltages in excess of the supply voltage
Rev. 9-18 November 2011
logo
Isahaya Electronics Cor...
VLA552-01R ISAHAYA-VLA552-01R Datasheet
229Kb / 9P
Built-in short circuit protection
logo
IK Semicon Co., Ltd
IL317 IKSEMICON-IL317_16 Datasheet
303Kb / 6P
Output Current in Excess of 1.5 Ampere
IL317L IKSEMICON-IL317L_16 Datasheet
1Mb / 17P
Output Current in Excess of 100mA
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
Output current in excess of 1A
logo
Maxim Integrated Produc...
MAX30034EVKIT MAXIM-MAX30034EVKIT Datasheet
908Kb / 9P
High Peak Current in Excess of 4A
Rev 0; 8/16
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com