Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60144 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # 60144
Description  Miniature Circuit Breaker Multi 9 (C60), 10A, 2-Pole, 240 Vac, 125 Vdc, HACR Rated
File Size   100.06 Kbytes
Html View  1 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

60144 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - 60144

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
60144 ETC2-60144 Datasheet
298Kb / 9P
60132 Circuit Breaker
More results


Similar Description - 60144

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
2 Pole Miniature 2 Pole Miniature
logo
Schneider Electric
QOU310 SCHNEIDER-QOU310 Datasheet
131Kb / 2P
QOU Miniature Circuit Breaker, 10A, 3P, 240V, 10kA
QOUR310 SCHNEIDER-QOUR310 Datasheet
117Kb / 2P
QOUQ Miniature Circuit Breaker, 10A, 3P, 240V, 10kA
QBF32125TS SCHNEIDER-QBF32125TS Datasheet
140Kb / 2P
PowerPact Q - molded case circuit breaker - 3- pole - 10 kA - 240 V - 125 A
Sep 18, 2020
QBL22125 SCHNEIDER-QBL22125 Datasheet
114Kb / 2P
PowerPact Q - molded case circuit breaker - 2- pole - 10 kA - 240 V - 125 A
Sep 18, 2020
QBM22125TN SCHNEIDER-QBM22125TN Datasheet
113Kb / 2P
PowerPact Q - molded case circuit breaker - 2- pole - 10 kA - 240 V - 125 A
Sep 18, 2020
QBP22125TP SCHNEIDER-QBP22125TP Datasheet
126Kb / 2P
PowerPact Q - molded case circuit breaker - 2- pole - 10 kA - 240 V - 125 A
Sep 18, 2020
QDL22125 SCHNEIDER-QDL22125 Datasheet
124Kb / 2P
PowerPact Q - molded case circuit breaker - 2- pole - 25 kA - 240 V - 125 A
Sep 18, 2020
QGL22125 SCHNEIDER-QGL22125 Datasheet
128Kb / 2P
PowerPact Q - molded case circuit breaker - 2- pole - 65 kA - 240 V - 125 A
Sep 18, 2020
QJL22125 SCHNEIDER-QJL22125 Datasheet
117Kb / 2P
PowerPact Q - molded case circuit breaker - 2- pole - 100 kA - 240 V - 125 A
Sep 18, 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com