Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMA-XS Datasheet (PDF) - Microdc power Technology Co., Ltd

Part # TMA-XS
Description  Fixed Input, Isolated 1WSingle&DualOutputDC/DC Converters
File Size   664.46 Kbytes
Html View  1   2   3 
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

TMA-XS Datasheet (PDF) - Microdc power Technology Co., Ltd



Similar Part No. - TMA-XS

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TMA-13-6003 TELEDYNE-TMA-13-6003 Datasheet
889Kb / 2P
Amplifier 6 GHz - 13 GHz
TMA-13-6004 TELEDYNE-TMA-13-6004 Datasheet
887Kb / 2P
Amplifier 6 GHz - 13 GHz
TMA-13-6005 TELEDYNE-TMA-13-6005 Datasheet
887Kb / 2P
Amplifier 6 GHz - 13 GHz
logo
Mobile Mark, Inc.
TMA-14-2VT MOBILEMARK-TMA-14-2VT Datasheet
578Kb / 1P
TACTICAL MESH SURFACE MOUNT ANTENNA
02/2026
TMA-14-2VT MOBILEMARK-TMA-14-2VT Datasheet
532Kb / 1P
TACTICAL MESH SURFACE MOUNT ANTENNA
02/2026
More results


Similar Description - TMA-XS

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
Isolated 3W Wide Input DC-DC Converters
logo
List of Unclassifed Man...
NME0305D ETC2-NME0305D Datasheet
335Kb / 12P
Isolated 1WSingle Output
logo
Microdc power Technolog...
IA-XS-1W MICRODC-IA-XS-1W Datasheet
671Kb / 2P
FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converters
IA-XS-2W MICRODC-IA-XS-2W Datasheet
682Kb / 2P
FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converters
B-XS-1WP MICRODC-B-XS-1WP Datasheet
1Mb / 5P
1W,Fixed Input ,Isolated & Unregulated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
logo
Microdc power Technolog...
2B-XD MICRODC-2B-XD Datasheet
645Kb / 5P
Fixed Input,Isolated 2W Single Output DC/DC Converters
2B-XSD MICRODC-2B-XSD Datasheet
645Kb / 5P
Fixed Input,Isolated 2W Single Output DC/DC Converters
2A-XSR MICRODC-2A-XSR Datasheet
351Kb / 2P
FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
Isolated Ultra-Wide Input DC-DC Converters
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com