Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B59985C0120A070 Datasheet (PDF) - EPCOS

Part # B59985C0120A070
Description  PTC thermistors for overcurrent protection Leaded disks, coated, 12 V, 24 V
File Size   149.43 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59985C0120A070 Datasheet (PDF) - EPCOS



Similar Part No. - B59985C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59985C0120A070 EPCOS-B59985C0120A070 Datasheet
307Kb / 10P
PTC thermistors for overcurrent protection
B59985C0120A070 EPCOS-B59985C0120A070 Datasheet
305Kb / 10P
PTC thermistors for overcurrent protection
B59985C0120A070 EPCOS-B59985C0120A070 Datasheet
305Kb / 10P
PTC thermistors for overcurrent protection
B59985C0120A070 EPCOS-B59985C0120A070 Datasheet
305Kb / 10P
PTC thermistors for overcurrent protection
B59985C0120A070 EPCOS-B59985C0120A070 Datasheet
149Kb / 10P
PTC thermistors for overcurrent protection
More results


Similar Description - B59985C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59935 EPCOS-B59935 Datasheet
82Kb / 5P
Overcurrent Protection Leaded Disks, Coated
B59943 EPCOS-B59943 Datasheet
71Kb / 3P
Overcurrent Protection Leaded Disks, Coated, 42 V Power Net
B59910 EPCOS-B59910 Datasheet
144Kb / 10P
Overcurrent Protection Leaded Disks, Coated
B59910C0130A070 EPCOS-B59910C0130A070 Datasheet
886Kb / 13P
Leaded disks, coated, 63 V
B59830C0160A070 EPCOS-B59830C0160A070 Datasheet
83Kb / 5P
Leaded Disks, Coated, 110 V
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
PTC Thermistors for Overcurrent Protection
B59884C0120A070 EPCOS-B59884C0120A070_11 Datasheet
245Kb / 9P
PTC thermistors for overcurrent protection Leaded disks, coated, 380 V, 500 V
B59750B0120A070 EPCOS-B59750B0120A070_11 Datasheet
408Kb / 13P
PTC thermistors for overcurrent protection Leaded disks, uncoated, 380 to 1000 V
B59930C0080A070 EPCOS-B59930C0080A070_12 Datasheet
349Kb / 15P
PTC thermistors for overcurrent protection Leaded disks, coated, 63 V
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
PTC thermistors for overcurrent protection
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com