Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA2631T1R Datasheet (PDF) - Renesas Technology Corp

Part # UPA2631T1R
Description  P-CHANNEL MOSFET -20 V, -8.0 A, 32 m
File Size   247.36 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2631T1R Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - UPA2631T1R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2630T1R RENESAS-UPA2630T1R Datasheet
247Kb / 7P
P-CHANNEL MOSFET -12 V, -7.0 A, 28 m
UPA2630T1R-E2-AX RENESAS-UPA2630T1R-E2-AX Datasheet
247Kb / 7P
P-CHANNEL MOSFET -12 V, -7.0 A, 28 m
More results


Similar Description - UPA2631T1R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC6679AZ FAIRCHILD-FDMC6679AZ Datasheet
305Kb / 7P
P-Channel PowerTrench짰 MOSFET -30 V, -20 A, 10 m廓
FDME510PZT FAIRCHILD-FDME510PZT Datasheet
254Kb / 7P
P-Channel PowerTrench짰 MOSFET -20 V, -6 A, 37 m廓
FDMS4435BZ FAIRCHILD-FDMS4435BZ Datasheet
266Kb / 7P
P-Channel PowerTrench짰 MOSFET -30 V, -18 A, 20 m廓
logo
Renesas Technology Corp
UPA2670T1R RENESAS-UPA2670T1R Datasheet
267Kb / 7P
DUAL P-CHANNEL MOSFET -20 V, -3.0 A, 79 m
logo
Fairchild Semiconductor
FQB8P10TM FAIRCHILD-FQB8P10TM Datasheet
1Mb / 8P
P-Channel QFET짰 MOSFET -100 V, -8.0 A, 185 m廓
logo
ON Semiconductor
FDWS9509L-F085 ONSEMI-FDWS9509L-F085 Datasheet
972Kb / 8P
P-Channel Logic Level Power Trench짰 MOSFET - 40 V, - 65 A, 8.0 m
September, 2017, Rev. 1.0
NVTYS025P04M8L ONSEMI-NVTYS025P04M8L Datasheet
267Kb / 6P
MOSFET - Power, Single P-Channel -40 V, 25 m, -32 A
November, 2021-Rev. 0
FDC642P-F085 ONSEMI-FDC642P-F085 Datasheet
1Mb / 9P
MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
NTTFS007P02P8 ONSEMI-NTTFS007P02P8 Datasheet
249Kb / 6P
MOSFET – P-Channel, POWERTRENCH -20 V, -56 A, 6.5 m
April, 2023 - Rev. 0
NTTFS004P02P8 ONSEMI-NTTFS004P02P8 Datasheet
321Kb / 7P
MOSFET – P-Channel, POWERTRENCH -20 V, -56 A, 4 m
June, 2023 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com