Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APG2C1-375-E Datasheet (PDF) - Roithner LaserTechnik GmbH

Part # APG2C1-375-E
Description  Structure: InGaN Peak Wavelength: 375 nm Optical Output Power: typ. 200 mW Life Time: > 10.000 hours
File Size   318.84 Kbytes
Html View  1   2   3   4 
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

APG2C1-375-E Datasheet (PDF) - Roithner LaserTechnik GmbH



Similar Part No. - APG2C1-375-E

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APG2C1-365-E ROITHNER-APG2C1-365-E Datasheet
322Kb / 4P
Structure: inGaN Peak Wavelength: 365nm Optical Output Power: typ. 135mW Life Time: 10.000 hours
APG2C1-365-R4 ROITHNER-APG2C1-365-R4 Datasheet
286Kb / 4P
High Power Single Chip LED
APG2C1-385 ROITHNER-APG2C1-385 Datasheet
380Kb / 4P
Struture: InGaN Peak Wavelength: 365 nm Optical Output Power: typ. 60 mW Life Time 10.000 hours
APG2C1-395 ROITHNER-APG2C1-395 Datasheet
324Kb / 4P
Structure: InGaN Peak Wavelength: 395 nm Optical Output Power: typ. 55 mWLife Time: > 10.000 hours
More results


Similar Description - APG2C1-375-E

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5375-UV-HP_1105 MARKTECH-MT5375-UV-HP_1105 Datasheet
936Kb / 2P
Peak Emission Wavelength: 375-380nm
MT5375-UV_1105 MARKTECH-MT5375-UV_1105 Datasheet
743Kb / 2P
Peak Emission Wavelength: 375-380nm
logo
Roithner LaserTechnik G...
APG2C1-365-E ROITHNER-APG2C1-365-E Datasheet
322Kb / 4P
Structure: inGaN Peak Wavelength: 365nm Optical Output Power: typ. 135mW Life Time: 10.000 hours
APG2C1-385 ROITHNER-APG2C1-385 Datasheet
380Kb / 4P
Struture: InGaN Peak Wavelength: 365 nm Optical Output Power: typ. 60 mW Life Time 10.000 hours
APG2C1-395 ROITHNER-APG2C1-395 Datasheet
324Kb / 4P
Structure: InGaN Peak Wavelength: 395 nm Optical Output Power: typ. 55 mWLife Time: > 10.000 hours
APG2C1-410 ROITHNER-APG2C1-410 Datasheet
345Kb / 4P
Structure: InGaN Peak Wavelength: 410 nm Optical Output Power: typ. 125 mW Life Time: > 10.000 hours
LD635-C220 ROITHNER-LD635-C220 Datasheet
156Kb / 2P
Lasing Mode Structure: multi mode Peack Wavelength: typ. 633 nm Optical Ouput Power: 220 mW, CW Package: 9.0 mm, flat window
LD1430-C003 ROITHNER-LD1430-C003 Datasheet
332Kb / 4P
Lasing Mode Structure: single mode Peak Wavelength : typ. 1430 nm Optical Ouput Power: 3 mW, CW Package: 5.6 mm, flat window
LD1550-C500 ROITHNER-LD1550-C500 Datasheet
372Kb / 3P
Lasing Mode Structure: multi mode Peak Wavelength : typ. 1560 nm Optical Ouput Power: 500 mW, CW Package: 9.0 mm, flat window MPD available on request
LDM-0980-002W-35 ROITHNER-LDM-0980-002W-35 Datasheet
155Kb / 4P
Lasing Mode Structure: multi mode Peak Wavelength : typ. 980 nm Optical Ouput Power: 2 W Package: TO-3, without Photodiode
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com