Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL-3146-151 Datasheet (PDF) - Roithner LaserTechnik GmbH

Part # DL-3146-151
Description  Short wavelength : 405 nm Light Output 5mW CW Low threshold current lth 35mA Package 05.6mm
File Size   120.9 Kbytes
Html View  1 
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

DL-3146-151 Datasheet (PDF) - Roithner LaserTechnik GmbH



Similar Part No. - DL-3146-151

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3140 OPTOWAY-DL-3140 Datasheet
110Kb / 2P
1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-3140 OPTOWAY-DL-3140 Datasheet
111Kb / 2P
1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
DL-3140 OPTOWAY-DL-3140 Datasheet
119Kb / 3P
1310 nm DFB LASER DIODES
DL-3140S OPTOWAY-DL-3140S Datasheet
110Kb / 2P
1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-3140S OPTOWAY-DL-3140S Datasheet
111Kb / 2P
1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
More results


Similar Description - DL-3146-151

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
NX8571 CEL-NX8571 Datasheet
793Kb / 14P
1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
Roithner LaserTechnik G...
DL-4146-101S ROITHNER-DL-4146-101S Datasheet
113Kb / 1P
Short wavelength: 405nm Low threshold current:lth 28mA package 05.6mm with PD
DL-4146-301S ROITHNER-DL-4146-301S Datasheet
141Kb / 2P
Shot wavelength: 405nm Low threshold current lth 26mA Package 5.6mm
DL-5146-101S ROITHNER-DL-5146-101S Datasheet
178Kb / 1P
Short wavelength 405 nm Packge 5.6mm with PD
DL-LS5017 ROITHNER-DL-LS5017 Datasheet
108Kb / 1P
Short wavelength 405nm Light Output 60mW CW Low threshoid current Package 5.6mm
LDM-0808-300M-91 ROITHNER-LDM-0808-300M-91 Datasheet
186Kb / 3P
CW Output Power: 300mW Typical 808 nm Emission Wavelength High-deeiciency Quantum Well Structure TO5 Package
LDM-0808-1000-93 ROITHNER-LDM-0808-1000-93 Datasheet
184Kb / 3P
CW Output Power: 1 W Typical 808 nm Emission Wavelength High-efficiency Quantum Well Structure TO5 Package
LDM-0980-300M-92 ROITHNER-LDM-0980-300M-92 Datasheet
179Kb / 3P
CW Output Power: 300 mW Typical 975 nm Emission Wavelength High-effciency Quantum Well Structure TO5 Package
logo
AVAGO TECHNOLOGIES LIMI...
TX299K AVAGO-TX299K Datasheet
141Kb / 1P
Low Threshold Current
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com