Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDM-0980-300M-92 Datasheet (PDF) - Roithner LaserTechnik GmbH

Part # LDM-0980-300M-92
Description  CW Output Power: 300 mW Typical 975 nm Emission Wavelength High-effciency Quantum Well Structure TO5 Package
File Size   179.61 Kbytes
Html View  1   2   3 
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LDM-0980-300M-92 Datasheet (PDF) - Roithner LaserTechnik GmbH



Similar Part No. - LDM-0980-300M-92

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LDM-0980-300M-X2 ROITHNER-LDM-0980-300M-X2 Datasheet
202Kb / 3P
Pumping Medical Usage Infrared Sources for Night Viewing Information Recognition
More results


Similar Description - LDM-0980-300M-92

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LD808-2-TO3 ROITHNER-LD808-2-TO3 Datasheet
242Kb / 2P
Output Power: 2.0w(CW) Variety of stripe width Efficient quantum well structure
LD808-5-TO3 ROITHNER-LD808-5-TO3 Datasheet
244Kb / 2P
Output power5.0w(CW) Variety of stripe width Efficient quantum well structure
LDM-0808-300M-91 ROITHNER-LDM-0808-300M-91 Datasheet
186Kb / 3P
CW Output Power: 300mW Typical 808 nm Emission Wavelength High-deeiciency Quantum Well Structure TO5 Package
LDM-0808-1000-93 ROITHNER-LDM-0808-1000-93 Datasheet
184Kb / 3P
CW Output Power: 1 W Typical 808 nm Emission Wavelength High-efficiency Quantum Well Structure TO5 Package
LDS-1310-005-BL ROITHNER-LDS-1310-005-BL Datasheet
141Kb / 3P
Output Power: 5 mW Typical 1310 nm Emission Wavelength Single mode High Reliability, High Effciency
ELC-610-14 ROITHNER-ELC-610-14 Datasheet
431Kb / 1P
It has a typical emission wavelength of 610 nm
ELC-690-25 ROITHNER-ELC-690-25 Datasheet
448Kb / 1P
It has a typical emission wavelength of 690 nm
ELC-870-17-2 ROITHNER-ELC-870-17-2 Datasheet
447Kb / 1P
It has a typical emission wavelength of 870 nm
ELC-905-17 ROITHNER-ELC-905-17 Datasheet
444Kb / 1P
It has a typical emission wavelength of 905 nm
ELC-970-17 ROITHNER-ELC-970-17 Datasheet
443Kb / 1P
It has a typical emission wavelength of 970 nm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com