Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5527 Datasheet (PDF) - Linear Technology

Part # LT5527
Description  400MHz to 3.7GHz 5V High Signal Level
File Size   187.72 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5527 Datasheet (PDF) - Linear Technology



Similar Part No. - LT5527

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5527 LINER-LT5527 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5527 LINER-LT5527 Datasheet
197Kb / 16P
400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LT5527 LINER-LT5527 Datasheet
355Kb / 20P
Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LT5527 LINER-LT5527 Datasheet
644Kb / 34P
Dual 14-Bit 250Msps
LT5527 LINER-LT5527 Datasheet
1,000Kb / 36P
300MHz Digital Predistortion Receiver
More results


Similar Description - LT5527

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
Linear Technology
LT5522 LINER-LT5522 Datasheet
261Kb / 16P
400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5527 LINER-LT5527 Datasheet
197Kb / 16P
400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LT5557 LINER-LT5557 Datasheet
236Kb / 16P
400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
logo
Toshiba Semiconductor
TIM3742-12UL TOSHIBA-TIM3742-12UL_09 Datasheet
144Kb / 4P
HIGH POWER P1dB=41.5dBm at 3.7GHz to 4.2GHz
TIM3742-16UL TOSHIBA-TIM3742-16UL Datasheet
51Kb / 4P
HIGH POWER P1dB=42.5dBm at 3.7GHz to 4.2GHz
logo
ON Semiconductor
ENA1771B ONSEMI-ENA1771B Datasheet
370Kb / 7P
Oscillator, 5V, 6.4dBm@400MHz, SCH6
August, 2013
logo
Linear Technology
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5527 LINER-LT5527_15 Datasheet
208Kb / 16P
400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com