Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8221RBYA Datasheet (PDF) - Tyco Electronics

Part # H8221RBYA
Description  Axial Leaded Precision Resistors
File Size   196.24 Kbytes
Html View  1   2   3   4 
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

H8221RBYA Datasheet (PDF) - Tyco Electronics



Similar Part No. - H8221RBYA

ManufacturerPart #DatasheetDescription
logo
Veris. All Rights Reser...
H822 VERIS-H822 Datasheet
705Kb / 2P
Current Monitoring
H822-20 VERIS-H822-20 Datasheet
705Kb / 2P
Current Monitoring
logo
Schneider Electric
H82254 SCHNEIDER-H82254 Datasheet
63Kb / 2P
Safety switch, double throw, non fusible, 200A, 240V, 2 poles, 15 hp, NEMA 12
Jun 24, 2021
logo
TE Connectivity Ltd
H8226KBYA TEC-H8226KBYA Datasheet
195Kb / 4P
Axial Leaded Precision Resistors
06/2011
More results


Similar Description - H8221RBYA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPR24 VISHAY-MPR24 Datasheet
72Kb / 6P
Ultra Precision Leaded Resistors
08-Mar-04
UXA0204 VISHAY-UXA0204 Datasheet
154Kb / 9P
High Precision Leaded Resistors
21-Aug-07
logo
Tyco Electronics
H8100RBYB MACOM-H8100RBYB Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
1879635 MACOM-1879635 Datasheet
63Kb / 1P
AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H4
1879620 MACOM-1879620 Datasheet
64Kb / 1P
AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H8
1879622 MACOM-1879622 Datasheet
63Kb / 1P
AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H4P
1879631 MACOM-1879631 Datasheet
64Kb / 1P
AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H8
1773230 MACOM-1773230 Datasheet
196Kb / 4P
Axial Leaded Precision Resistors
H8536RBYA MACOM-H8536RBYA Datasheet
209Kb / 3P
Axial Leaded Precision Resistors
logo
Vishay Siliconix
G200 VISHAY-G200 Datasheet
133Kb / 7P
Axial Vitreous Leaded Wirewound Resistors
28-Mar-17
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com