Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXOXULP Datasheet (PDF) - STATEK CORPORATION

Part # CXOXULP
Description  Ultra-Low Power/Fast Start-Up/High Shock
File Size   127.26 Kbytes
Html View  1   2 
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXOXULP Datasheet (PDF) - STATEK CORPORATION



Similar Part No. - CXOXULP

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CXOXULP EUROQUARTZ-CXOXULP Datasheet
130Kb / 1P
Ultra-Low Power/Fast Start-Up/High Shock
logo
IQD Frequency Products ...
CXOXULP-1.8V IQD-CXOXULP-1.8V Datasheet
207Kb / 3P
Crystal Clock Oscillator Specification
CXOXULP-2.5V IQD-CXOXULP-2.5V Datasheet
207Kb / 3P
Crystal Clock Oscillator Specification
CXOXULP-3.0V IQD-CXOXULP-3.0V Datasheet
207Kb / 3P
Crystal Clock Oscillator Specification
CXOXULP-3.3V IQD-CXOXULP-3.3V Datasheet
207Kb / 3P
Crystal Clock Oscillator Specification
More results


Similar Description - CXOXULP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
STATEK CORPORATION
CXOMHT STATEK-CXOMHT Datasheet
110Kb / 2P
High Temperature/High Stability/Fast Start-up/High Shock
CXO3M STATEK-CXO3M_09 Datasheet
223Kb / 2P
High Stability/Fast Start-up Crystal Oscillator
CXOLAT STATEK-CXOLAT Datasheet
181Kb / 2P
Ultra-Low Power/Fast Start-Up/Ultra-Miniature
logo
SYNC POWER Crop.
SP689 SYNC-POWER-SP689 Datasheet
220Kb / 5P
Ultra High Voltage Start Up
logo
EUROQUARTZ limited
CXOX EUROQUARTZ-CXOX Datasheet
103Kb / 1P
Fast Start-up/Tight Tolerance/High Shock
CXOXULP EUROQUARTZ-CXOXULP Datasheet
130Kb / 1P
Ultra-Low Power/Fast Start-Up/High Shock
logo
Lowpower Semiconductor ...
LP6201 POWER-LP6201 Datasheet
520Kb / 9P
Low voltage start-up:0.9V
logo
EUROQUARTZ limited
CXOLHG EUROQUARTZ-CXOLHG Datasheet
128Kb / 1P
Ultra-Low Power/Fast Start-Up/High Shock 32.768kHz
CXOLP EUROQUARTZ-CXOLP Datasheet
101Kb / 1P
Low Power/Fast Start-up Miniature Oscillator 1.0MHz ~ 8.5MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com