Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5GTH9 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # 5GTH9
Description  high temperature -40/160쨘 C
File Size   15645.15 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5GTH9 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - 5GTH9

ManufacturerPart #DatasheetDescription
logo
APEM Components, Inc.
5GTH920+1PS00 MULTIMEC-5GTH920+1PS00 Datasheet
412Kb / 2P
5E/5G 1PS/1QS/1RS
dec. 2009
5GTH920+1PS02 MULTIMEC-5GTH920+1PS02 Datasheet
412Kb / 2P
5E/5G 1PS/1QS/1RS
dec. 2009
5GTH920+1PS03 MULTIMEC-5GTH920+1PS03 Datasheet
412Kb / 2P
5E/5G 1PS/1QS/1RS
dec. 2009
5GTH920+1PS04 MULTIMEC-5GTH920+1PS04 Datasheet
412Kb / 2P
5E/5G 1PS/1QS/1RS
dec. 2009
5GTH920+1PS06 MULTIMEC-5GTH920+1PS06 Datasheet
412Kb / 2P
5E/5G 1PS/1QS/1RS
dec. 2009
More results


Similar Description - 5GTH9

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
10-89-7401 MOLEX-10-89-7401 Datasheet
35Kb / 2P
2.54mm Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 40
10-89-7402 MOLEX-10-89-7402 Datasheet
35Kb / 2P
2.54mm Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 40
logo
STMicroelectronics
TN4015H-6G STMICROELECTRONICS-TN4015H-6G Datasheet
401Kb / 9P
High temperature 40 A SCRs
01-Aug-2016
TN4015H-6I STMICROELECTRONICS-TN4015H-6I Datasheet
380Kb / 9P
High temperature 40 A SCRs
25-Nov-2016
TN4015H-6T STMICROELECTRONICS-TN4015H-6T Datasheet
398Kb / 9P
High temperature 40 A SCRs
08-Sep-2016
logo
Marathon Special Produc...
6T400AXB MARATHON-6T400AXB Datasheet
340Kb / 3P
Insulator base temperature rating: -40°C to 125°C (UL RTI)
09/07/2022
6T600AXB MARATHON-6T600AXB Datasheet
418Kb / 3P
Insulator base temperature rating: -40°C to 125°C (UL RTI)
09/07/2022
HVPB112 MARATHON-HVPB112 Datasheet
140Kb / 3P
Temperature rating: -40°C to 110°C (UL RTI)
REV-D 04/20/20
HVPB114 MARATHON-HVPB114 Datasheet
152Kb / 3P
Temperature rating: -40°C to 110°C (UL RTI)
REV-D 04/20/20
MFH6 MARATHON-MFH6 Datasheet
176Kb / 3P
Insulator base temperature rating: -40°C to 125°C (UL RTI)
REV-C 05/22/18
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com