Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF0071A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0071A
Description  Duplexer 836.5/881.5MHz 25MHz BW SMD 3.8횞3.8 mm
File Size   605.48 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TF0071A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TF0071A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0070A TAI-SAW-TF0070A Datasheet
234Kb / 8P
Duplexer 1732.5/2132.5MHz 45MHz BW SMD 3.8횞3.8 mm
TF0072A TAI-SAW-TF0072A Datasheet
596Kb / 7P
Duplexer 836.5/881.5MHz 25MHz BW SMD 3.8횞3.8 mm
TF0075A TAI-SAW-TF0075A Datasheet
222Kb / 8P
Duplexer 707/737MHz 18MHz BW SMD 3.8횞3.8 mm
TF0075A TAI-SAW-TF0075A Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
TF0076A TAI-SAW-TF0076A Datasheet
222Kb / 8P
Duplexer 707/737MHz 18MHz BW SMD 3.8횞3.8 mm
More results


Similar Description - TF0071A

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SPD014A SIPAT-SPD014A Datasheet
819Kb / 9P
SAW Duplexer 836.5/881.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TF0066A TAI-SAW-TF0066A Datasheet
331Kb / 8P
SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
TF0067A TAI-SAW-TF0067A Datasheet
367Kb / 8P
SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
TF0070A TAI-SAW-TF0070A Datasheet
234Kb / 8P
Duplexer 1732.5/2132.5MHz 45MHz BW SMD 3.8횞3.8 mm
TF0072A TAI-SAW-TF0072A Datasheet
596Kb / 7P
Duplexer 836.5/881.5MHz 25MHz BW SMD 3.8횞3.8 mm
TF0089A TAI-SAW-TF0089A Datasheet
350Kb / 13P
Duplexer 836.5/881.5MHz 25MHz BW SMD 2.0횞1.6 mm
TA1689A TAI-SAW-TA1689A Datasheet
237Kb / 9P
SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1690A TAI-SAW-TA1690A Datasheet
235Kb / 9P
SAW Filter 881.5MHz 25MHz BW SMD 1.1X0.9 mm
TF0095B TAI-SAW-TF0095B Datasheet
641Kb / 13P
SAW DPX 836.5/881.5MHz LTE Band 5 SMD 2016(25MHz BW)
TF0226AA0033 TAI-SAW-TF0226AA0033 Datasheet
1Mb / 12P
SAW Duplexer 836.5/881.5MHz BW 25/25MHz
REV. NO.:1.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com