Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01220123 Datasheet (PDF) - Tyco Electronics

Part # 01220123
Description  SolderTacts Shielded One-Piece Solder Contacts
File Size   169.1 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

01220123 Datasheet (PDF) - Tyco Electronics



Similar Part No. - 01220123

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
01220 WINCHESTER-01220 Datasheet
82Kb / 1P
RDM THREACED PLUG
logo
Wiha Tools
01220 WIHA-01220 Datasheet
521Kb / 1P
Wiha universal L-key holder.
logo
STEGO Elektrotechnik Gm...
01220.0-00 STEGO-01220.0-00 Datasheet
309Kb / 1P
MECHANICAL HYGROSTAT
08.03.2022
logo
Littelfuse
01220055 LITTELFUSE-01220055 Datasheet
890Kb / 2P
102/122 Series Circuit Board Mount Fuse Clips for 1/4??Diameter Fuses
Revised: 01/14/19
01220055 LITTELFUSE-01220055 Datasheet
884Kb / 2P
102/122 Series Circuit Board Mount Fuse Clips for 1/4” Diameter Fuses
01/14/19
More results


Similar Description - 01220123

ManufacturerPart #DatasheetDescription
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
ONE PIECE PHOTO INTERRUPTER
logo
Bel Fuse Inc.
SS-7488S-GY-PG1 BEL-SS-7488S-GY-PG1 Datasheet
174Kb / 2P
ONE PIECE SHIELDED SINGLE PORT LED JACK
logo
List of Unclassifed Man...
V704 ETC2-V704 Datasheet
290Kb / 8P
One-Piece Surface Steel Raceway
V711 ETC2-V711 Datasheet
290Kb / 8P
One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
One-Piece Steel Surface Raceway
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
1,00 mm One Piece Interface
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
7/8" (22.2 mm) Precision Industrial Potentiometer, Bushing And Servo Mount Versions, Conductive Plastic
06-Nov-15
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
LOW PROFILE & ELEVATED ONE PIECE
logo
Molex Electronics Ltd.
0747370010 MOLEX1-0747370010 Datasheet
35Kb / 1P
SFP One Piece Cage, EMI Shielding, 3.38mm Solder Post Tails
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
RSK one-piece screen connector
13.03.2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com