Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08FE-ST-VK-N Datasheet (PDF) - List of Unclassifed Manufacturers

Part # 08FE-ST-VK-N
Description  1.25mm pitch Connectors for FFC
File Size   119.5 Kbytes
Html View  1   2 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

08FE-ST-VK-N Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - 08FE-ST-VK-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
08FFS-SP-TF ETC2-08FFS-SP-TF Datasheet
1Mb / 2P
Because of its small pitch and its ability to be surface mounted, this connector meets the demand for high-density packaging.
08FLT-SM2-TB ETC2-08FLT-SM2-TB Datasheet
119Kb / 2P
FLT CONNECTOR 0.5mm pitch/Connectors for FPC
08FLZ-RSM1-TB ETC2-08FLZ-RSM1-TB Datasheet
133Kb / 5P
Connectors for FFC and FPC
08FLZ-RSM2-TB ETC2-08FLZ-RSM2-TB Datasheet
84Kb / 2P
FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
08FLZ-SM1-TB ETC2-08FLZ-SM1-TB Datasheet
133Kb / 5P
Connectors for FFC and FPC
More results


Similar Description - 08FE-ST-VK-N

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH3-4S-1.25DS HIROSE-FH3-4S-1.25DS Datasheet
85Kb / 4P
1.25mm Pitch FPC/FFC Connector
logo
List of Unclassifed Man...
F1257 ETC1-F1257 Datasheet
171Kb / 2P
1.25mm pitch FFC/FPC connector
logo
Molex Electronics Ltd.
0039532294 MOLEX3-0039532294 Datasheet
165Kb / 4P
1.25mm (.049") Pitch FFC/FPC Connector
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
50FY-BMT-TBLFSN ETC2-50FY-BMT-TBLFSN Datasheet
142Kb / 2P
FY CONNECTOR 0.5mm pitch/Connectors for FFC
12FLZ-RSM1-TB ETC2-12FLZ-RSM1-TB Datasheet
133Kb / 5P
Connectors for FFC and FPC
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
0.5mm pitch/Connectors for FFC and FPC
FMZ JST-FMZ Datasheet
57Kb / 2P
FMZ CONNECTOR 1.0mm pitch/Connectors for FFC
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com