Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

198-146 Datasheet (PDF) - Altech corporation

Part # 198-146
Description  TG88-6 ??ABS and Polycarbonate ??84 x 82 x 55 mm (3.31 x 3.23 x 2.17 in.)
File Size   2732.79 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

198-146 Datasheet (PDF) - Altech corporation



Similar Part No. - 198-146

ManufacturerPart #DatasheetDescription
logo
Altech corporation
198-144 ALTECH-198-144 Datasheet
906Kb / 26P
TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
More results


Similar Description - 198-146

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCD6 ETC1-VCD6 Datasheet
233Kb / 2P
14.4 x 9.8 x 6.0 mm 6 pin SMD
logo
Bi technologies
SWTW BITECH-SWTW Datasheet
232Kb / 6P
Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
Alpha Wire
735-405 ALPHAWIRE-735-405 Datasheet
114Kb / 2P
AK05 ??Polystyrene and Polycarbonate - 125 x 200 mm
logo
Lineage Power Corporati...
JC050A1 LINEAGEPOWER-JC050A1 Datasheet
1Mb / 16P
Small size: 61.0 mm x 57.9 mm x 12.7 mm (2.40 in. x 2.28 in. x 0.50 in.)
logo
ORION FANS
OA162-METAL ORIONFANS-OA162-METAL Datasheet
310Kb / 1P
AC - Harsh Environment 172 x 55mm (6.7??x 2.17??
logo
Eaton All Rights Reserv...
HHT EATON-HHT Datasheet
473Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Bel Fuse Inc.
ABE1000 BEL-ABE1000 Datasheet
771Kb / 8P
Form Factor 5 x 9.51 x 1.61 in (127 x 241.5 x 41 mm)
MBC300 BEL-MBC300 Datasheet
929Kb / 7P
5.0 x 3.0 x 1.5 in (127.0 x 76.2 x 38.1 mm)
MBE1000 BEL-MBE1000 Datasheet
711Kb / 8P
Form Factor 5 x 9.51 x 1.61 in (127 x 241.5 x 41 mm)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com