Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5985 Datasheet (PDF) - Digitron Semiconductors

Part # 1N5985
Description  500mW ZENER DIODES
File Size   142.51 Kbytes
Html View  1   2 
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N5985 Datasheet (PDF) - Digitron Semiconductors



Similar Part No. - 1N5985

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5985 MICROSEMI-1N5985 Datasheet
110Kb / 3P
SILICON 500 mW ZENER DIODES
1N5985 MICROSEMI-1N5985 Datasheet
225Kb / 3P
Axial-Leaded 500 mW Zener Diodes
logo
New Jersey Semi-Conduct...
1N5985 NJSEMI-1N5985 Datasheet
154Kb / 1P
500 MILLIWATT GLASS ZENER DIODES
logo
Microsemi Corporation
1N5985 MICROSEMI-1N5985 Datasheet
235Kb / 3P
Axial-Leaded 500 mW Zener Diodes
1N5985A MICROSEMI-1N5985A Datasheet
225Kb / 3P
Axial-Leaded 500 mW Zener Diodes
More results


Similar Description - 1N5985

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
500mW SILICON ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
500mW ZENER DIODES
logo
Micro Commercial Compon...
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
500mW Silicon Zener Diodes
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
500mW Silicon Zener Diodes
logo
Seme LAB
1N6309BD2A SEME-LAB-1N6309BD2A Datasheet
182Kb / 4P
500mW ZENER DIODES
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
500mW SILICON ZENER DIODES
logo
Micro Commercial Compon...
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
500mW Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
BZS55C2V4 TSC-BZS55C2V4 Datasheet
383Kb / 7P
500mW 5% Zener Diodes
logo
TT Electronics.
1N6309BD2A TTELEC-1N6309BD2A Datasheet
182Kb / 4P
500mW ZENER DIODES
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com