Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8PT Datasheet (PDF) - Nell Semiconductor Co., Ltd

Part # 8PT
Description  Sensitive and Standard SCRs, 8A
File Size   414.56 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

8PT Datasheet (PDF) - Nell Semiconductor Co., Ltd



Similar Part No. - 8PT_14

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT06A-S NELLSEMI-8PT06A-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 8A
8PT06A-T NELLSEMI-8PT06A-T Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 8A
8PT06AI-T NELLSEMI-8PT06AI-T Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 8A
8PT06F-S NELLSEMI-8PT06F-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 8A
More results


Similar Description - 8PT_14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
logo
Nell Semiconductor Co.,...
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 8A
12PT06AI-S NELLSEMI-12PT06AI-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 12A
logo
STMicroelectronics
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
logo
Nell Semiconductor Co.,...
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
logo
STMicroelectronics
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
Sensitive and Standard SCRs
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com