Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85071 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # 85071
Description  LTCC High Temperature Inductors 0.2x0.2 inch (5x5 mm)
File Size   308.94 Kbytes
Html View  1 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

85071 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - 85071

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85071-0100 MOLEX9-85071-0100 Datasheet
397Kb / 2P
4.00mm (0.157) SRC Heavy Duty Receptacle Housing, 84 Way, Black
logo
Huber+Suhner, Inc.
85071247 HUBERSUHNER-85071247 Datasheet
134Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Straight bulkhead cable jack (female)
85071256 HUBERSUHNER-85071256 Datasheet
8Mb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Straight cable plug (male)
85071313 HUBERSUHNER-85071313 Datasheet
440Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
85071412 HUBERSUHNER-85071412 Datasheet
227Kb / 2P
Pigtail set 12_E-2000®_APC_0.9mm_colour EN/IEC_SM ultra
More results


Similar Description - 85071

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0117A TAI-SAW-TC0117A Datasheet
343Kb / 4P
SAW Resonator 418 MHz SMD 5X5 mm
TC0154A TAI-SAW-TC0154A Datasheet
338Kb / 4P
SAW Resonator 916.5 MHz SMD 5X5 mm
TB0237A TAI-SAW-TB0237A Datasheet
480Kb / 5P
SAW Filter 402.7 MHz SMD 5x5 mm
logo
List of Unclassifed Man...
85008 ETC2-85008 Datasheet
303Kb / 1P
LTCC High Temperature Inductors 0.27x0.27 inch size
85022 ETC2-85022 Datasheet
308Kb / 1P
LTCC High Temperature Inductors 0.30x0.30 inch Size
85042 ETC2-85042 Datasheet
313Kb / 1P
LTCC High Temperature Inductors 0.40x0.40 inch size
85081 ETC2-85081 Datasheet
214Kb / 1P
LTCC High Temperature Inductors 0.40x0.40 inch size Higher Current Series
85084 ETC2-85084 Datasheet
214Kb / 1P
LTCC High Temperature Inductors 0.2x0.2 inch (5x5 mm)
85090 ETC2-85090 Datasheet
214Kb / 1P
LTCC High Temperature Inductors 0.27x0.27 inch size Higher Current Series
85093 ETC2-85093 Datasheet
309Kb / 1P
LTCC High Temperature Inductors 0.15x0.15 inch (3.8x3.8 mm)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com