Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPPC132LFBN Datasheet (PDF) - List of Unclassifed Manufacturers

Part # PPPC132LFBN
Description  HEADER FEMALE, 2.54mm CC, ST
File Size   356.3 Kbytes
Html View  1 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PPPC132LFBN Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - PPPC132LFBN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PPPC102LJBN-RC RENESAS-PPPC102LJBN-RC Datasheet
1Mb / 22P
Advanced Analog GreenPAK Evaluation Board
21-Mar-2022
More results


Similar Description - PPPC132LFBN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCB27BD20BS1 DUBILIER-DBCIDCB27BD20BS1 Datasheet
101Kb / 1P
FEMALE HEADER FEMALE HEADER SMT - 5.0MM
logo
Molex Electronics Ltd.
0313872014 MOLEX4-0313872014 Datasheet
744Kb / 5P
2.54mm (.100") Pitch, MX123??Female Header
logo
List of Unclassifed Man...
SWH25X-NULC-SXX-UU-BA ETC2-SWH25X-NULC-SXX-UU-BA Datasheet
129Kb / 1P
HOUSING, 2.54mm CC, 1 ROW
SWR201-NRTN-SXX-SA-WH ETC2-SWR201-NRTN-SXX-SA-WH Datasheet
128Kb / 1P
WAFER 2.0mm CC, 1 ROW, ST
NRPN072PAEN-RC ETC2-NRPN072PAEN-RC Datasheet
304Kb / 1P
HEADER,MALE 2MM CC, 2 ROWS, ST
PPTC132LJBN ETC2-PPTC132LJBN Datasheet
300Kb / 1P
HEADER FEMALE, 2.54mm CC, 2 ROWS, RA
logo
PHOENIX CONTACT
1452356 PHOENIX-1452356 Datasheet
47Kb / 2P
Crimp contact - CC-1,0-ST-0,34-MS AU
1452372 PHOENIX-1452372 Datasheet
47Kb / 2P
Crimp contact - CC-0,8-ST-0,34-MS AU
logo
HARTING Technology Grou...
09-14-004-3141 HARTING-09-14-004-3141 Datasheet
455Kb / 2P
Han CC Protected module, crimp female
2021-12-04
logo
PHOENIX CONTACT
1239798 PHOENIX-1239798 Datasheet
189Kb / 5P
CC-1,0-ST-0,34-MS AUX - Crimp contact
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com