Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXO Datasheet (PDF) - EUROQUARTZ limited

Part # CXO
Description  Low Profile Miniature SMD Crystal Oscillator
File Size   127.87 Kbytes
Html View  1 
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CXO Datasheet (PDF) - EUROQUARTZ limited



Similar Part No. - CXO

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CXO GOLLEDGE-CXO Datasheet
49Kb / 1P
SM OSCILLATOR
logo
STATEK CORPORATION
CXO STATEK-CXO Datasheet
89Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
logo
Kyocera Kinseki Corpota...
CXO-292 KSS-CXO-292 Datasheet
148Kb / 1P
Output frequency of 1 to 52MHz is available Clock crystal oscillator for industrial equipment
CXO-292A KSS-CXO-292A Datasheet
148Kb / 1P
Output frequency of 1 to 52MHz is available Clock crystal oscillator for industrial equipment
CXO-292B KSS-CXO-292B Datasheet
148Kb / 1P
Output frequency of 1 to 52MHz is available Clock crystal oscillator for industrial equipment
More results


Similar Description - CXO

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOM STATEK-CXOM Datasheet
230Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
CXO3M STATEK-CXO3M Datasheet
230Kb / 2P
Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CXOMHG STATEK-CXOMHG Datasheet
67Kb / 2P
High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
CXO STATEK-CXO Datasheet
89Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9353 ACT-ACT9353 Datasheet
138Kb / 2P
miniature low profile Clock Oscillator,
12/10/05
logo
Fox Electronics
VCSAT FOX-VCSAT Datasheet
220Kb / 1P
VCXO SMD LOW PROFILE/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
Abracon Corporation
ASF1 ABRACON-ASF1_08 Datasheet
193Kb / 2P
5.0V CERAMIC SMD LOW PROFILE CRYSTAL CLOCK OSCILLATOR
1.4.08
logo
Epson ToYoCom
FA-238V EPSONTOYOCOM-FA-238V Datasheet
422Kb / 2P
MHz RANGE CRYSTAL UNIT MINIATURE SIZE LOW PROFILE SMD
logo
STATEK CORPORATION
CXO3M STATEK-CXO3M_12 Datasheet
295Kb / 2P
Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CXOMHG STATEK-CXOMHG_12 Datasheet
406Kb / 2P
High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com