Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X4115 Datasheet (PDF) - EUROQUARTZ limited

Part # X4115
Description  4.1 x 1.5 x 0.7mm Miniature SMD
File Size   128.82 Kbytes
Html View  1 
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

X4115 Datasheet (PDF) - EUROQUARTZ limited



Similar Part No. - X4115

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
X4115 MERCURY-X4115 Datasheet
135Kb / 2P
4.1x1.5x0.7 mm 32.768 KHz Tuning Fork Surface Mount Crystal
X4115-32.768K-12.5P MERCURY-X4115-32.768K-12.5P Datasheet
135Kb / 2P
4.1x1.5x0.7 mm 32.768 KHz Tuning Fork Surface Mount Crystal
X4115-32.768K-9P MERCURY-X4115-32.768K-9P Datasheet
135Kb / 2P
4.1x1.5x0.7 mm 32.768 KHz Tuning Fork Surface Mount Crystal
More results


Similar Description - X4115

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MT1010 EUROQUARTZ-MT1010 Datasheet
223Kb / 1P
3.2 x 2.5 x 0.7mm SMD
MT EUROQUARTZ-MT Datasheet
106Kb / 1P
3.2 x 2.5 x 0.7mm SMD
X32 EUROQUARTZ-X32 Datasheet
106Kb / 1P
3.2 x 2.5 x 0.7mm SMD
X3215 EUROQUARTZ-X3215 Datasheet
167Kb / 1P
3.2 x 1.5 x 0.8mm Micro-miniature SMD
X32-W EUROQUARTZ-X32-W Datasheet
135Kb / 1P
3.2 x 2.5 x 0.7mm SMD
logo
Transko Electronics, In...
CS32 TRANSKO-CS32 Datasheet
196Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 8: 10-10-19
CX32 TRANSKO-CX32 Datasheet
312Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 0: 11-12-2020
TEI31 TRANSKO-TEI31 Datasheet
418Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 1.5 x 1.0mm)
Ver.1: Mar. 2015
TSM16 TRANSKO-TSM16 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (1.6 x 1.2 x 0.7mm)
Rev 1: 02-24-2022
UM_SD TRANSKO-UM_SD Datasheet
154Kb / 1P
MINIATURE UM SMD CRYSTAL (7.0 x 4.1 x 2.3mm)
Ver 3: 10-10-19
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com