Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70L-ODC Datasheet (PDF) - Grayhill, Inc

Part # 70L-ODC
Description  Transient Protection: Meets the requirements of IEEE 472
File Size   76.4 Kbytes
Html View  1   2 
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70L-ODC Datasheet (PDF) - Grayhill, Inc



Similar Part No. - 70L-ODC

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70L-ODC GRAYHILL-70L-ODC Datasheet
125Kb / 2P
DC Output Modules
70L-ODC5R GRAYHILL-70L-ODC5R Datasheet
113Kb / 2P
Dry Contact and Mechanical Relay Output Modules
70L-ODC5R GRAYHILL-70L-ODC5R Datasheet
350Kb / 2P
G5 and OpenLine짰 Modules Provide Replaceable 5x20mm Glass Fuse
70L-ODC5R GRAYHILL-70L-ODC5R_10 Datasheet
350Kb / 2P
G5 and OpenLine짰 Modules Provide Replaceable 5x20mm Glass Fuse
70L-ODCA GRAYHILL-70L-ODCA Datasheet
125Kb / 2P
DC Output Modules
More results


Similar Description - 70L-ODC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TF-61602 ETC1-TF-61602 Datasheet
349Kb / 1P
Icolation and ompedance matching the requirements of IEEE 802.3 for 10 Base-T
logo
Intersil Corporation
AN1690.0 INTERSIL-AN1690.0 Datasheet
268Kb / 3P
Electronics Meets the Challenges of Patient Monitors
logo
Texas Instruments
SN75ALS173NSR TI-SN75ALS173NSR Datasheet
452Kb / 12P
Meets or Exceeds the Requirements of ITU Recommendations V.10, V.11, X.26, and X.27
logo
Grayhill, Inc
70L-IAC GRAYHILL-70L-IAC_10 Datasheet
85Kb / 2P
Transient Protection: Meets the requirements of IEEE 472
70L-OAC GRAYHILL-70L-OAC Datasheet
85Kb / 2P
Transient Protection: Meets the requirements of IEEE 472, Surge Withstanding Capability Test
logo
Pulse A Technitrol Comp...
PE-67300NL PULSE-PE-67300NL Datasheet
59Kb / 1P
Meets IEC950 insulation requirements
logo
List of Unclassifed Man...
SFX-0500 ETC2-SFX-0500 Datasheet
596Kb / 10P
specification describes the requirements of 200,220,250,275Watts
BL600 ETC2-BL600 Datasheet
123Kb / 2P
Meets Safety Agency Requirements
logo
TE Connectivity Ltd
T92 TEC-T92 Datasheet
1Mb / 4P
Meets requirements of UL Class F construction
logo
Phihong USA Inc.
PSAA06A-120L6 PHIHONG-PSAA06A-120L6 Datasheet
1Mb / 2P
6W Adapter Meets Level VI Requirements
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com