Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

813-SL60.0M-10 Datasheet (PDF) - Oscilent Corporation

Part # 813-SL60.0M-10
Description  60.0MHz IF SAW Filter 23.55MHz Bandwidth
File Size   120.97 Kbytes
Html View  1   2   3   4 
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-SL60.0M-10 Datasheet (PDF) - Oscilent Corporation



Similar Part No. - 813-SL60.0M-10

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL60.0M-10B OSCILENT-813-SL60.0M-10B Datasheet
459Kb / 6P
60.0MHz IF SAW Filter 10.20MHz Bandwidth
813-SL60.0M-10C OSCILENT-813-SL60.0M-10C Datasheet
217Kb / 6P
60.0 MHz IF SAW Filter 10.60 MHz Bandwidth
813-SL60.0M-10D OSCILENT-813-SL60.0M-10D Datasheet
217Kb / 6P
60.0 MHz IF SAW Filter 10.68 MHz Bandwidth
More results


Similar Description - 813-SL60.0M-10

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL60.0M-10B OSCILENT-813-SL60.0M-10B Datasheet
459Kb / 6P
60.0MHz IF SAW Filter 10.20MHz Bandwidth
813-SL60.0M-22A OSCILENT-813-SL60.0M-22A Datasheet
211Kb / 6P
60.0MHz IF SAW Filter 22.37MHz Bandwidth
835-IF60.0M-19A OSCILENT-835-IF60.0M-19A Datasheet
213Kb / 6P
60.0MHz IF SAW Filter 19.25 MHz Bandwidth
835-IF60.0M-19B OSCILENT-835-IF60.0M-19B Datasheet
213Kb / 6P
60.0MHz IF SAW Filter 19.50 MHz Bandwidth
813-SL60.0M-11 OSCILENT-813-SL60.0M-11_14 Datasheet
233Kb / 6P
60.0MHz IF SAW Filter 12.0MHz Bandwidth
logo
Golledge Electronics Lt...
MA07308 GOLLEDGE-MA07308 Datasheet
88Kb / 3P
SAW Filter 60.0MHz
MP03220 GOLLEDGE-MP03220 Datasheet
55Kb / 6P
SAW Filter 60.0MHz
MP03387 GOLLEDGE-MP03387 Datasheet
117Kb / 7P
SAW Filter 60.0MHz
MP03407 GOLLEDGE-MP03407 Datasheet
125Kb / 7P
SAW Filter 60.0MHz
logo
Transko Electronics, In...
TA06009AD TRANSKO-TA06009AD Datasheet
668Kb / 4P
60.0MHz IF SAW Filter / 9.30MHz MHz Bandwidth
Revision 0: 18. Jan. 2012
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com