Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QOB120 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # QOB120
Description  Miniature Circuit Breaker , 120/240VAC, 20A, 1-Phase
File Size   101.96 Kbytes
Html View  1 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QOB120 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - QOB120

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB120 SCHNEIDER-QOB120 Datasheet
107Kb / 3P
QO mini breaker, 20 A, 1 pole, 120/240 V, 10 kA, bolt on
Nov 25, 2019
QOB1201021 SCHNEIDER-QOB1201021 Datasheet
111Kb / 2P
Mini CB, QO, 20 A, 1P, 120/240 V, 10 kA, Bolt on, Shunt Trip
Nov 27, 2019
QOB1201042 SCHNEIDER-QOB1201042 Datasheet
126Kb / 2P
Mini CB, QO, 20 A, 1P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB1201044 SCHNEIDER-QOB1201044 Datasheet
56Kb / 2P
Mini CB, QO, 20 A, 1P, 120/240 V, 10 kA, Bolt on
QOB1201200 SCHNEIDER-QOB1201200 Datasheet
121Kb / 2P
Mini CB, QO, 20 A, 1P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
Dec 6, 2019
More results


Similar Description - QOB120

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM220 SCHNEIDER-HOM220 Datasheet
107Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 20A
Nov 21, 2019
HOM220C SCHNEIDER-HOM220C Datasheet
150Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 20A
Nov 22, 2019
HOM220CP SCHNEIDER-HOM220CP Datasheet
150Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 20A
Nov 22, 2019
HOM2205219 SCHNEIDER-HOM2205219 Datasheet
150Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 20A
Nov 22, 2019
HOMT1520CP SCHNEIDER-HOMT1520CP Datasheet
112Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 20A
Nov 22, 2019
HOMT2020C SCHNEIDER-HOMT2020C Datasheet
108Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 20A
Nov 25, 2019
QOU220 SCHNEIDER-QOU220 Datasheet
109Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 120/240V, 10kA
QOUR120 SCHNEIDER-QOUR120 Datasheet
89Kb / 2P
QOUR Miniature Circuit Breaker, 20A, 1P, 120/240V, 10kA
Feb 21, 2020
QOUR120VH SCHNEIDER-QOUR120VH Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 20A, 1P, 120/240V, 22kA
Feb 21, 2020
QOUR220VH SCHNEIDER-QOUR220VH Datasheet
121Kb / 2P
QOUR Miniature Circuit Breaker, 20A, 2P, 120/240V, 22kA
Feb 21, 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com