Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAPS-011008 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # MAPS-011008
Description  Digital Phase Shifter 6-Bit, 5 - 6 GHz
File Size   641.04 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPS-011008 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - MAPS-011008

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPS-011008-001SMB MA-COM-MAPS-011008-001SMB Datasheet
1Mb / 8P
Digital Phase Shifter
MAPS-011008-TR0500 MA-COM-MAPS-011008-TR0500 Datasheet
1Mb / 8P
Digital Phase Shifter
MAPS-011008 MA-COM-MAPS-011008_15 Datasheet
1Mb / 8P
Digital Phase Shifter
More results


Similar Description - MAPS-011008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPCGM0005-DIE MACOM-MAPCGM0005-DIE Datasheet
309Kb / 7P
6-Bit Digital Phase Shifter 7.0-12.0 GHz
logo
Hittite Microwave Corpo...
HMC649LP6 HITTITE-HMC649LP6 Datasheet
349Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Merrimac Industries, In...
PTM-64A-10B MERRIMAC-PTM-64A-10B Datasheet
177Kb / 1P
6-Bit DIGITAL PHASE SHIFTER
logo
Hittite Microwave Corpo...
HMC649 HITTITE-HMC649_09 Datasheet
221Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649LP6 HITTITE-HMC649LP6_08 Datasheet
276Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
M/A-COM Technology Solu...
MAPS-010163 MA-COM-MAPS-010163 Datasheet
667Kb / 7P
Digital Phase Shifter 6-Bit, 1.4 - 2.4 GHz
logo
TriQuint Semiconductor
TGP2105-SM TRIQUINT-TGP2105-SM Datasheet
971Kb / 11P
6-18 GHz 6-Bit Digital Phase Shifter (Vc)
TGP2107-SM TRIQUINT-TGP2107-SM Datasheet
980Kb / 11P
6 to 18 GHz 6-Bit Digital Phase Shifter (?뭋C)
logo
Analog Devices
HMC649ALP6E AD-HMC649ALP6E Datasheet
448Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Qorvo, Inc
TGP2105 QORVO-TGP2105 Datasheet
638Kb / 10P
6-18 GHz 6-Bit Digital Phase Shifter (Vc)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com