Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A4002 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE15A4002
Description  Amplifier, 33 dB Gain, 39 dBm IP3, 6 dB NF, SMA
File Size   481.38 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A4002 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE15A4002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4001 PASTERNACK-PE15A4001 Datasheet
479Kb / 6P
Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB NF, SMA
PE15A4001 PASTERNACK-PE15A4001_17 Datasheet
479Kb / 6P
TECHNICAL DATA SHEET
PE15A4003 PASTERNACK-PE15A4003 Datasheet
479Kb / 6P
Amplifier, 32 dB Gain, 42 dBm IP3, 5 dB NF, SMA
PE15A4004 PASTERNACK-PE15A4004 Datasheet
480Kb / 6P
Amplifier, 38 dB Gain, 39 dBm IP3, 5 dB NF, SMA
PE15A4005 PASTERNACK-PE15A4005 Datasheet
468Kb / 6P
Amplifier, 33 dB Gain, 39 dBm IP3, 5 dB NF, SMA
More results


Similar Description - PE15A4002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3503 PASTERNACK-PE15A3503 Datasheet
488Kb / 6P
High Gain Amplifier, 39 dBm IP3, 5 dB NF, SMA
PE15A3504 PASTERNACK-PE15A3504 Datasheet
487Kb / 6P
Broadband High Gain Amplifier, 42 dBm IP3, 5 dB NF, SMA
PE15A3507 PASTERNACK-PE15A3507 Datasheet
479Kb / 6P
High Gain Amplifier, 39 dBm IP3, 6 dB NF, SMA
PE15A4001 PASTERNACK-PE15A4001 Datasheet
479Kb / 6P
Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB NF, SMA
PE15A4003 PASTERNACK-PE15A4003 Datasheet
479Kb / 6P
Amplifier, 32 dB Gain, 42 dBm IP3, 5 dB NF, SMA
PE15A4004 PASTERNACK-PE15A4004 Datasheet
480Kb / 6P
Amplifier, 38 dB Gain, 39 dBm IP3, 5 dB NF, SMA
PE15A4005 PASTERNACK-PE15A4005 Datasheet
468Kb / 6P
Amplifier, 33 dB Gain, 39 dBm IP3, 5 dB NF, SMA
PE15A4006 PASTERNACK-PE15A4006 Datasheet
483Kb / 6P
30 dB Gain, 38 dBm IP3, 3 dB NF, SMA
PE15A4007 PASTERNACK-PE15A4007 Datasheet
481Kb / 6P
30 dB Gain, 45 dBm IP3, 5 dB NF, SMA
PE1528 PASTERNACK-PE1528 Datasheet
349Kb / 3P
11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com