Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NV23K-A Datasheet (PDF) - HuaXinAn Electronics CO.,LTD

Part # NV23K-A
Description  Heavy contact load switching current up to 30A.
File Size   375.71 Kbytes
Html View  1 
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

NV23K-A Datasheet (PDF) - HuaXinAn Electronics CO.,LTD



Similar Part No. - NV23K-A

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NV23K-C HUAXINAN-NV23K-C Datasheet
375Kb / 1P
Heavy contact load switching current up to 30A
More results


Similar Description - NV23K-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G53AD-DC110 ETC-G53AD-DC110 Datasheet
54Kb / 2P
Miniature Type, Heavy contact load up to 4000VA
logo
DB Lectro Inc
NVFS DBLECTRO-NVFS Datasheet
103Kb / 2P
Small size and light weight. Heavy contact load (30A)
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
Contact load capacity up to 30A
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
Contact load capacity up to 30A
NVFS DBLECTRO-NVFS_05 Datasheet
303Kb / 2P
Small size and light weight. Heavy contact load (30A).
logo
HuaXinAn Electronics CO...
NV23K-C HUAXINAN-NV23K-C Datasheet
375Kb / 1P
Heavy contact load switching current up to 30A
NV2312A HUAXINAN-NV2312A Datasheet
423Kb / 1P
Heavy contact load switching current up to 30A.
NV2312C HUAXINAN-NV2312C Datasheet
423Kb / 1P
Heavy contact load switching current up to 30A.
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
Switching capacity up to 30A
A11ASQ12VDC1.2 CIT-A11ASQ12VDC1.2 Datasheet
104Kb / 3P
Switching capacity up to 30A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com