Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1212XM Datasheet (PDF) - Microdc power Technology Co., Ltd

Part # G1212XM
Description  1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
File Size   603.76 Kbytes
Html View  1   2   3   4 
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

G1212XM Datasheet (PDF) - Microdc power Technology Co., Ltd



Similar Part No. - G1212XM

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
G1212XD-1W MICRODC-G1212XD-1W Datasheet
486Kb / 2P
1W,FIXED INPUT,6000V ISOLATED&UNREGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
G1212XD-2W MICRODC-G1212XD-2W Datasheet
510Kb / 2P
FIXED INPUT,ISOLATED&UNREGULATED Single?뷗ual Output DC?뷗C Converter
G1212XS MICRODC-G1212XS Datasheet
605Kb / 4P
1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
G1212XS-1W MICRODC-G1212XS-1W Datasheet
857Kb / 4P
Isolated 1W Single&Dual Output DC/DC Converters
G1212XS-2W MICRODC-G1212XS-2W Datasheet
878Kb / 2P
FIXED INPUT,ISOLATED&UNREGULATED Single?뷗ual Output DC?뷗C Converter
More results


Similar Description - G1212XM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
RSG Electronic Componen...
DS3-XX3.3D RSG-DS3-XX3.3D Datasheet
60Kb / 1P
Dual output unregulated DC/DC converters 1W
DS3-XX3.3 RSG-DS3-XX3.3 Datasheet
59Kb / 1P
Single output unregulated DC/DC converters 1W
logo
Microdc power Technolog...
H-XS-1W MICRODC-H-XS-1W Datasheet
857Kb / 4P
Isolated 1W Single&Dual Output DC/DC Converters
B-XS-1WP MICRODC-B-XS-1WP Datasheet
1Mb / 5P
1W,Fixed Input ,Isolated & Unregulated Single Output DC/DC Converters
logo
Texas Instruments
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Microdc power Technolog...
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
Isolated 1W Dual Single Output DC/DC Converters
H-XS MICRODC-H-XS Datasheet
605Kb / 4P
1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com