Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C288X040Y1J Datasheet (PDF) - PANDUIT CORP.

Part # C288X040Y1J
Description  OPTIMUM LASER/INK JET WHITE NON-ADHESIVE LABEL.
File Size   65.35 Kbytes
Html View  1 
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C288X040Y1J Datasheet (PDF) - PANDUIT CORP.



Similar Part No. - C288X040Y1J

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C288X040Y1J PANDUIT-C288X040Y1J Datasheet
157Kb / 2P
Executive Series Faceplates
5/2015
More results


Similar Description - C288X040Y1J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6450 STMICROELECTRONICS-L6450 Datasheet
193Kb / 9P
28 CHANNEL INK JET DRIVER
Mar-1994
logo
PANDUIT CORP.
C138X019FJJ PANDUIT-C138X019FJJ Datasheet
52Kb / 1P
OPTIMUM LASER INK-JET LABELS 1.380" X 0.190"||" "628837
OPTIMUM C150X075YJD COMPUTER PRINTABLE LABELS
C188X030FJJ PANDUIT-C188X030FJJ Datasheet
43Kb / 1P
OPTIMUM LASER INK-JET LABELS 1.880" X 0.300"||" "628839
OPTIMUM LASER/INK JET WHITE NON-ADHESIVE LABEL, 1.
C195X040Y1J PANDUIT-C195X040Y1J Datasheet
67Kb / 1P
OPTIMUM LASER/INK JET
C200X100FJJ PANDUIT-C200X100FJJ Datasheet
43Kb / 1P
OPTIMUM LASER INK-JET LABELS 2.000 X 1.000
C261X030FJJ PANDUIT-C261X030FJJ Datasheet
43Kb / 1P
OPTUMUM LASER INK-JET LABELS
C261X035Y1J PANDUIT-C261X035Y1J Datasheet
65Kb / 1P
OPTUMUM LASER/INK JET WHITE NON-ADHESIVE LABEL, 2.610 X 0.350
C282X030Y1J PANDUIT-C282X030Y1J Datasheet
65Kb / 1P
OPTIMUM LASER / INK JET WHITE NON-ADHESIVE LABEL
LJSL7-Y3-1 PANDUIT-LJSL7-Y3-1 Datasheet
574Kb / 2P
Self-Laminating Labels for Laser AND Ink Jet Printers
S050X075YAJ PANDUIT-S050X075YAJ Datasheet
268Kb / 2P
Laser/Ink Jet Self-Laminating Labels
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com