Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS5M7NE1E1E Datasheet (PDF) - OptoSupply International

Part # OS5M7NE1E1E
Description  Xeon Power Warm Whiite LED
File Size   144.72 Kbytes
Html View  1   2 
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OS5M7NE1E1E Datasheet (PDF) - OptoSupply International



Similar Part No. - OS5M7NE1E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS5M7NE1E1EVER.1 OPTOSUPPLY-OS5M7NE1E1EVER.1 Datasheet
144Kb / 2P
Xeon Power Pure White LED 1W 70V
More results


Similar Description - OS5M7NE1E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5XME3C1E OPTOSUPPLY-OSM5XME3C1E Datasheet
119Kb / 1P
Xeon 3 Power Warm White LED
OSM5XMEHC1E OPTOSUPPLY-OSM5XMEHC1E Datasheet
166Kb / 1P
Xeon H Power Warm White LED
OSM5D4A4X1B OPTOSUPPLY-OSM5D4A4X1B Datasheet
127Kb / 1P
10mm Round Warm Whiite LED
OSM5X5H891E OPTOSUPPLY-OSM5X5H891E Datasheet
541Kb / 3P
Tops 3 1..5W Power Warm Whiite LED
OSM5X9H891E OPTOSUPPLY-OSM5X9H891E Datasheet
540Kb / 3P
Tops 3 3W Power Warm Whiite LED
OSMM72E3E1E OPTOSUPPLY-OSMM72E3E1E Datasheet
175Kb / 2P
Xeon Power Warm Whiite HV AC LED 3W 70V
OSW4XNE1E1E OPTOSUPPLY-OSW4XNE1E1E Datasheet
146Kb / 2P
Xeon 1 Power Pure Whiite LED
OSWWX2E3E1E OPTOSUPPLY-OSWWX2E3E1E Datasheet
168Kb / 2P
Xeon 3 Power Pure Whiite AC LED
OSM5XNE3E1E_VER.C.2 OPTOSUPPLY-OSM5XNE3E1E_VER.C.2 Datasheet
177Kb / 2P
xeon 3 power warm white led
OSM5Z3E1E1S_VER.C.2 OPTOSUPPLY-OSM5Z3E1E1S_VER.C.2 Datasheet
115Kb / 1P
xeon 1 power warm white led
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com