Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OST10807C1E-C Datasheet (PDF) - OptoSupply International

Part # OST10807C1E-C
Description  2..0 x 1..8 x 0..8mm Fullll Collor Fastt Fllashiing RGB SMD
File Size   193.93 Kbytes
Html View  1   2   3 
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OST10807C1E-C Datasheet (PDF) - OptoSupply International



Similar Part No. - OST10807C1E-C

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OST109S01GD-B5YUTA31B OPTOSUPPLY-OST109S01GD-B5YUTA31B Datasheet
1Mb / 2P
T10 Round AUTO LED Based on BA9S Long life, easy installation
OST109S01GD-G5DUTA31B OPTOSUPPLY-OST109S01GD-G5DUTA31B Datasheet
1Mb / 2P
T10 Round AUTO LED Based on BA9S Long life, easy installation
OST109S01GD-R5RUTA31B OPTOSUPPLY-OST109S01GD-R5RUTA31B Datasheet
1Mb / 2P
T10 Round AUTO LED Based on BA9S Long life, easy installation
OST109S01GD-W5YKTA31B OPTOSUPPLY-OST109S01GD-W5YKTA31B Datasheet
1Mb / 2P
T10 Round AUTO LED Based on BA9S Long life, easy installation
OST109S01GD-XXXXTA31B OPTOSUPPLY-OST109S01GD-XXXXTA31B Datasheet
1Mb / 2P
T10 Round AUTO LED Based on BA9S
More results


Similar Description - OST10807C1E-C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101C61G PANASONIC-MN101C61G Datasheet
122Kb / 5P
Timer counter 0 : 8-bit X 1
logo
OptoSupply Internationa...
OST1DC5A31A OPTOSUPPLY-OST1DC5A31A Datasheet
123Kb / 1P
5mm Fullll Collor Sllow--quiick Fllashiing RGB LED
logo
Cooper Bussmann, Inc.
DCM-7 COOPER-DCM-7 Datasheet
233Kb / 1P
Fast-Acting 13??2? x 1 1??? (10x38mm) Midget Fuses, 600Vac/dc, 1??0??0A
logo
OptoSupply Internationa...
OST1MX5A32A-W1V OPTOSUPPLY-OST1MX5A32A-W1V Datasheet
126Kb / 1P
5mm Round Module 1.2V Fullll-Collor Flashing LED
OSTG1608C1A OPTOSUPPLY-OSTG1608C1A Datasheet
511Kb / 9P
1..6 x 0.8 x 0..4mm Pure Green SMD
OSXX0603C1E OPTOSUPPLY-OSXX0603C1E Datasheet
449Kb / 7P
1..6 x 0..8 x 0..6mm SMD
OSXX1608C1A OPTOSUPPLY-OSXX1608C1A Datasheet
624Kb / 14P
1..6 x 0..8 x 0..4mm SMD
logo
Hubbell Incorporated.
VAULH1012BN HUBBELL-VAULH1012BN Datasheet
377Kb / 2P
Aluminum Compression Terminal for 1/0 AL/CU, 1/0 6/1 ACSR, 1/0 - 2/0 COMPACT
VAULH1012 HUBBELL-VAULH1012 Datasheet
377Kb / 2P
Aluminum Compression Terminal for 1/0 AL/CU, 1/0 6/1 ACSR, 1/0 - 2/0 COMPACT
logo
Schneider Electric
KZ18451 SCHNEIDER-KZ18451 Datasheet
115Kb / 2P
legend for cam switch 1 - 0 - 2 - 45 x 45 mm
Feb 10, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com