Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSXX1608C1A Datasheet (PDF) - OptoSupply International

Part # OSXX1608C1A
Description  1..6 x 0..8 x 0..4mm SMD
File Size   624.71 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSXX1608C1A Datasheet (PDF) - OptoSupply International



Similar Part No. - OSXX1608C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXX1608C1A-W25 OPTOSUPPLY-OSXX1608C1A-W25 Datasheet
117Kb / 1P
CHIP LED WITH WIRE
OSXX1608C1AVER.A.5 OPTOSUPPLY-OSXX1608C1AVER.A.5 Datasheet
624Kb / 14P
1.6x0.8x0.4mm smd
OSXX1608C1AW25VER.0 OPTOSUPPLY-OSXX1608C1AW25VER.0 Datasheet
117Kb / 1P
chip led with wire
More results


Similar Description - OSXX1608C1A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ9GF16 SHARP-LZ9GF16 Datasheet
1Mb / 22P
LZ 9 G Series 1 6 0 0 Gates Gate Array
logo
Panasonic Semiconductor
MN101C61G PANASONIC-MN101C61G Datasheet
122Kb / 5P
Timer counter 0 : 8-bit X 1
logo
OptoSupply Internationa...
OST10807C1E-C OPTOSUPPLY-OST10807C1E-C Datasheet
193Kb / 3P
2..0 x 1..8 x 0..8mm Fullll Collor Fastt Fllashiing RGB SMD
OSTG1608C1A OPTOSUPPLY-OSTG1608C1A Datasheet
511Kb / 9P
1..6 x 0.8 x 0..4mm Pure Green SMD
OSXX0603C1E OPTOSUPPLY-OSXX0603C1E Datasheet
449Kb / 7P
1..6 x 0..8 x 0..6mm SMD
logo
Hubbell Incorporated.
VAULH1012BN HUBBELL-VAULH1012BN Datasheet
377Kb / 2P
Aluminum Compression Terminal for 1/0 AL/CU, 1/0 6/1 ACSR, 1/0 - 2/0 COMPACT
VAULH1012 HUBBELL-VAULH1012 Datasheet
377Kb / 2P
Aluminum Compression Terminal for 1/0 AL/CU, 1/0 6/1 ACSR, 1/0 - 2/0 COMPACT
logo
Schneider Electric
TM5SPDG6D6F SCHNEIDER-TM5SPDG6D6F Datasheet
138Kb / 5P
common distribution module - 6 x 0 V DC - 6 x 24 V DC
Aug 11, 2019
TM5SPDG6D6F SCHNEIDER-TM5SPDG6D6F_V01 Datasheet
278Kb / 6P
Power distribution module, Modicon TM5, common 6 x 0 V DC, 6 x 24 V DC
Apr 6, 2022
ZB2BY2931 SCHNEIDER-ZB2BY2931 Datasheet
72Kb / 2P
legend - 30 x 40 mm - red - 0
Mar 23, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com