Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2A-XSR Datasheet (PDF) - Microdc power Technology Co., Ltd

Part # 2A-XSR
Description  FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converters
File Size   351.22 Kbytes
Html View  1   2 
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2A-XSR Datasheet (PDF) - Microdc power Technology Co., Ltd



Similar Part No. - 2A-XSR

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
More results


Similar Description - 2A-XSR

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
IA-XS-1W MICRODC-IA-XS-1W Datasheet
671Kb / 2P
FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converters
IA-XS-2W MICRODC-IA-XS-2W Datasheet
682Kb / 2P
FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converters
IE-XS-1W MICRODC-IE-XS-1W Datasheet
680Kb / 2P
FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
IE-XS-2W MICRODC-IE-XS-2W Datasheet
719Kb / 2P
FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0505S-1W5 MORNSUN-IA0505S-1W5 Datasheet
360Kb / 3P
2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
IA0512WS-1W5 MORNSUN-IA0512WS-1W5 Datasheet
241Kb / 2P
1.5W, FIXED INPUT, ISOLATED& REGULATED DUAL OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
2E-XSR MICRODC-2E-XSR Datasheet
401Kb / 2P
FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
E-XSR MICRODC-E-XSR Datasheet
389Kb / 2P
FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com