Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10A-ZMD Datasheet (PDF) - Microdc power Technology Co., Ltd

Part # 10A-ZMD
Description  10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
File Size   434.31 Kbytes
Html View  1   2   3 
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

10A-ZMD Datasheet (PDF) - Microdc power Technology Co., Ltd



Similar Part No. - 10A-ZMD

ManufacturerPart #DatasheetDescription
logo
Electroswitch Electroni...
10A-250VAC ELECTROSWITCH-10A-250VAC Datasheet
102Kb / 1P
Push Button Switches
2010
More results


Similar Description - 10A-ZMD

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA2412LS-3W MORNSUN-WRA2412LS-3W Datasheet
196Kb / 2P
WIDE INPUT, ISOLATED & REGULATED DUAL OUTPUT DC/DC CONVERTER
VRB1203S-10WR3 MORNSUN-VRB1203S-10WR3 Datasheet
877Kb / 5P
10W, wide input, isolated & regulated single output, SIP package, DC-DC converter
VRA1205ZP-10WR3 MORNSUN-VRA1205ZP-10WR3 Datasheet
1Mb / 6P
10W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRB1205YMD-10WR3 MORNSUN-VRB1205YMD-10WR3 Datasheet
1Mb / 6P
10W,wide input isolated & regulated single output, DIP packaging, DC-DC converter
URA2405ZP-10WR3 MORNSUN-URA2405ZP-10WR3 Datasheet
1Mb / 5P
10W, Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
URB2403S-10WR3 MORNSUN-URB2403S-10WR3 Datasheet
879Kb / 5P
10W, Ultra wide input, isolated & regulated single output, SIP package, DC-DC converter
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
10DCPE GAPTEC-10DCPE Datasheet
695Kb / 6P
10W - Single Output DC-DC Converter - Ultra Wide Input Range - High Isolated & Regulated
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com