Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC0000082 Datasheet (PDF) - ERNI Electronics

Part # DC0000082
Description  Federleiste 4mm SM.50 polig Female 4mm SMD. 50 contacts
File Size   101.23 Kbytes
Html View  1 
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

DC0000082 Datasheet (PDF) - ERNI Electronics



Similar Part No. - DC0000082

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
DC0000083 ERNI-DC0000083 Datasheet
98Kb / 1P
Federleiste 4mm THR, 50 polig Female 4mm THR, 50 contacts
DC0000084 ERNI-DC0000084 Datasheet
104Kb / 1P
Federleiste 6mm SMD, 50 polig Female 6mm SMD, 50 contacts
DC0000085 ERNI-DC0000085 Datasheet
97Kb / 1P
Federleiste 6mm THR, 50 polig Female 6mm THR, 50 contacts
DC0000086 ERNI-DC0000086 Datasheet
98Kb / 1P
Federleiste 8mm SMD, 50 polig Female 8mm SMD, 50 contacts
DC0000087 ERNI-DC0000087 Datasheet
99Kb / 1P
Federleiste 8mm TMR. 50 polig Female 8mm THR, 50 contacts
More results


Similar Description - DC0000082

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
144663 ERNI-144663 Datasheet
103Kb / 1P
Federleiste 4mm THR, 50 polig
224512 ERNI-224512 Datasheet
98Kb / 1P
Federleiste 4mm THR, 50 polig
144662 ERNI-144662 Datasheet
101Kb / 1P
Federleiste 4mm SMD, 50 polig
100103040001 ERNI-100103040001 Datasheet
132Kb / 1P
Federleiste 4mm SMD, 50 polig
100102250001 ERNI-100102250001 Datasheet
137Kb / 1P
Federleiste 4mm SMD, 50 polig
100902650001 ERNI-100902650001 Datasheet
136Kb / 1P
Federleiste 4mm SMD, 50 polig
101002080001 ERNI-101002080001 Datasheet
136Kb / 1P
Federleiste 4mm SMD, 50 polig
DC0000083 ERNI-DC0000083 Datasheet
98Kb / 1P
Federleiste 4mm THR, 50 polig Female 4mm THR, 50 contacts
DC0000084 ERNI-DC0000084 Datasheet
104Kb / 1P
Federleiste 6mm SMD, 50 polig Female 6mm SMD, 50 contacts
DC0000110 ERNI-DC0000110 Datasheet
74Kb / 1P
Federleiste SMD. Powerm. 4mm Female Con, SMD, Powerm. 4mm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com