Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKY2616PIM Datasheet (PDF) - Ericsson

Part # PKY2616PIM
Description  PKY 2000 PI series DC/DC converters, Input 18-36 V, Output 21.5 A/600 W
File Size   595.32 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKY2616PIM Datasheet (PDF) - Ericsson



Similar Part No. - PKY2616PIM

ManufacturerPart #DatasheetDescription
logo
Ericsson
PKY4716PI ERICSSON-PKY4716PI Datasheet
981Kb / 20P
DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
More results


Similar Description - PKY2616PIM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTMA403033 TI-PTMA403033 Datasheet
1Mb / 33P
10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
logo
List of Unclassifed Man...
FC050S6R5 ETC1-FC050S6R5 Datasheet
1Mb / 14P
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Ericsson
PKY4716PI ERICSSON-PKY4716PI Datasheet
981Kb / 20P
DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
logo
Vicor Corporation
V24C3V3H50BL VICOR-V24C3V3H50BL Datasheet
855Kb / 15P
DC input range 18 - 36 V
logo
Ericsson
PKR2000A ERICSSON-PKR2000A Datasheet
800Kb / 27P
DC/DC converters, Input 18-36 V, Output up to 2 A/15 W
PKU5310EPI ERICSSON-PKU5310EPI Datasheet
2Mb / 25P
DC/DC converters, Input 18-72 V, Output up to 10 A/35 W
PKB4000 ERICSSON-PKB4000 Datasheet
1Mb / 46P
DC/DC converters, Input 36-75 V, Output 30 A/90 W
logo
Bel Fuse Inc.
0RCY-80R BEL-0RCY-80R Datasheet
225Kb / 8P
ISOLATED DC/DC CONVERTERS 18 Vdc - 36 Vdc Input
logo
List of Unclassifed Man...
PKU4913D ETC2-PKU4913D Datasheet
2Mb / 20P
DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com