Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9229 Datasheet (PDF) - Analog Devices

Part # AD9229
Description  Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
File Size   789.88 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229 Datasheet (PDF) - Analog Devices



Similar Part No. - AD9229_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229 AD-AD9229_17 Datasheet
785Kb / 41P
Serial, LVDS, 3 V A/D Converter
Rev. B
More results


Similar Description - AD9229_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229 AD-AD9229 Datasheet
471Kb / 15P
Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
06-Oct-2003
AD9289 AD-AD9289 Datasheet
1Mb / 16P
Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
AD9219 AD-AD9219 Datasheet
1Mb / 52P
Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
4/06-Revision 0
AD9228 AD-AD9228 Datasheet
1Mb / 52P
Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
4/06-Revision 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com