Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM23LOPR42 Datasheet (PDF) - Protek Devices

Part # PAM23LOPR42
Description  USB2.0(480MBPS)SWITCH
File Size   295.12 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM23LOPR42 Datasheet (PDF) - Protek Devices



Similar Part No. - PAM23LOPR42_15

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2301 PAM-PAM2301 Datasheet
902Kb / 13P
800mA Step-Down DC-DC Converters
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
STEP-DOWN DC-DC CONVERTER
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
STEP-DOWN DC-DC CONVERTER
Rev 3
logo
Power Analog Micoelectr...
PAM2301CAAB120 PAM-PAM2301CAAB120 Datasheet
902Kb / 13P
800mA Step-Down DC-DC Converters
logo
KODENSHI_AUK CORP.
PAM2301CAAB120 KODENSHI-PAM2301CAAB120 Datasheet
863Kb / 13P
STEP-DOWN DC-DC CONVERTER
More results


Similar Description - PAM23LOPR42_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
140Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42 Datasheet
147Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_08 Datasheet
768Kb / 10P
High-Speed, USB2.0 (480Mbps) Switch
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40_08 Datasheet
247Kb / 2P
Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42_08 Datasheet
250Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB43 FAIRCHILD-FSUSB43 Datasheet
248Kb / 2P
Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) Switch
logo
Protek Devices
PAUSB42 PROTEC-PAUSB42 Datasheet
164Kb / 6P
LoPro??DPDT USB2.0 (480Mbps) Switch
logo
Fairchild Semiconductor
FSA831 FAIRCHILD-FSA831 Datasheet
306Kb / 3P
USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
USB2.0 High-Speed (480Mbps) Analog Switch
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com