Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBUD-EFD25 Datasheet (PDF) - FERYSTER Inductive Components Manufacturer

Part # OBUD-EFD25
Description  PA-66 101L
File Size   93.63 Kbytes
Html View  1 
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

OBUD-EFD25 Datasheet (PDF) - FERYSTER Inductive Components Manufacturer



Similar Part No. - OBUD-EFD25

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
OBUD-TOR-25X15X10 FERYSTER-OBUD-TOR-25X15X10 Datasheet
119Kb / 1P
UL REC. UL 94V-0
OBUD-TOR-R10 FERYSTER-OBUD-TOR-R10 Datasheet
193Kb / 1P
pA 66 Recyclingmaterial
OBUD-TOR-R26.0-SW FERYSTER-OBUD-TOR-R26.0-SW Datasheet
166Kb / 1P
BOBBIN MATERIAL: FR530
OBUD-TOR-V-14X17.5-TBI FERYSTER-OBUD-TOR-V-14X17.5-TBI Datasheet
103Kb / 1P
BOBBIN MATERIAL: PPS PIN MATERIAL: CP WIRE
OBUD-TW1-70W-KARK FERYSTER-OBUD-TW1-70W-KARK Datasheet
152Kb / 1P
TW1-70W
More results


Similar Description - OBUD-EFD25

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0211200000 WEIDMULLER-0211200000 Datasheet
71Kb / 3P
Earth terminal, 4 mm짼, Screw connection, PA 66, TS 15
0222760000 WEIDMULLER-0222760000 Datasheet
63Kb / 3P
Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0268860000 WEIDMULLER-0268860000 Datasheet
68Kb / 3P
Feed-through terminal, 2.5 mm짼, Screw connection, PA 66, beige, TS 35
0271060000 WEIDMULLER-0271060000 Datasheet
85Kb / 4P
Feed-through terminal, 16 mm짼, Screw connection, PA 66, beige, TS 32
0271080000 WEIDMULLER-0271080000 Datasheet
81Kb / 3P
Feed-through terminal, 16 mm짼, Screw connection, PA 66, blue, TS 32
0323100000 WEIDMULLER-0323100000 Datasheet
61Kb / 3P
Earth terminal, 10 mm짼, Screw connection, PA 66, TS 32
0396660000 WEIDMULLER-0396660000 Datasheet
61Kb / 3P
Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35
0467960000 WEIDMULLER-0467960000 Datasheet
60Kb / 3P
Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 32
0484060000 WEIDMULLER-0484060000 Datasheet
61Kb / 3P
Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 32
logo
FERYSTER Inductive Comp...
OBUD-TOR-R10 FERYSTER-OBUD-TOR-R10 Datasheet
193Kb / 1P
pA 66 Recyclingmaterial
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com