Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHR1K160 Datasheet (PDF) - Intersil Corporation

Part # RHR1K160
Description  1A, 600V Hyperfast Diode
File Size   113.76 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHR1K160 Datasheet (PDF) - Intersil Corporation



Similar Part No. - RHR1K160

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHR1K160D INTERSIL-RHR1K160D Datasheet
123Kb / 9P
1A, 600V Hyperfast Dual Diode
January 2000
More results


Similar Description - RHR1K160

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG5060 FAIRCHILD-RHRG5060 Datasheet
348Kb / 5P
50A, 600V Hyperfast Diode
logo
Intersil Corporation
RHR1K160D INTERSIL-RHR1K160D Datasheet
123Kb / 9P
1A, 600V Hyperfast Dual Diode
January 2000
RHRG5060 INTERSIL-RHRG5060 Datasheet
48Kb / 4P
50A, 600V Hyperfast Diode
January 2000
RHRG7560 INTERSIL-RHRG7560 Datasheet
46Kb / 4P
75A, 600V Hyperfast Diode
January 2000
RHRU10060 INTERSIL-RHRU10060 Datasheet
42Kb / 3P
100A, 600V Hyperfast Diode
January 2000
RHRU15060 INTERSIL-RHRU15060 Datasheet
40Kb / 3P
150A, 600V Hyperfast Diode
January 2000
logo
STMicroelectronics
STTH1506DPI STMICROELECTRONICS-STTH1506DPI Datasheet
72Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI_05 Datasheet
68Kb / 6P
Tandem 600V HYPERFAST BOOST DIODE
29-Jun-2005
logo
Shindengen Electric Mfg...
D1F10 SHINDENGEN-D1F10 Datasheet
198Kb / 2P
Rectifier Diode 600V 1A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com