Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANTDP015-S1A Datasheet (PDF) - World Produts Inc.

Part # WPANTDP015-S1A
Description  The WPANTDP015-S1A is a multi-polarized 3X3 MIMO antenna that operates in the 4.9 . 5.9 GHz band
File Size   124.33 Kbytes
Html View  1   2 
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP015-S1A Datasheet (PDF) - World Produts Inc.



Similar Part No. - WPANTDP015-S1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP011 WPI-WPANTDP011 Datasheet
118Kb / 2P
WPANTDP011 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP012 WPI-WPANTDP012 Datasheet
121Kb / 2P
WPANTDP012 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP017-S1A WPI-WPANTDP017-S1A Datasheet
129Kb / 2P
The WPANTDP017-S1A is a multi-polarized 3X3 MIMO antenna that operates in the 4.9 ??5.9 GHz band
More results


Similar Description - WPANTDP015-S1A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK70215 OKI-MK70215 Datasheet
211Kb / 14P
Bluetooth module operates in the 2.4 GHz ISM band.
logo
Anaren Microwave
A8520E24A91 ANAREN-A8520E24A91 Datasheet
958Kb / 2P
Operates in the 2.4GHz ISM band
logo
World Produts Inc.
WPANTDP017-S1A WPI-WPANTDP017-S1A Datasheet
129Kb / 2P
The WPANTDP017-S1A is a multi-polarized 3X3 MIMO antenna that operates in the 4.9 ??5.9 GHz band
WPANTDP082-S1A WPI-WPANTDP082-S1A Datasheet
112Kb / 2P
This is a Wideband, Outdoor rated antenna that operates in the 870 / 915 MHz ISM band
WPANTDP087-R1A WPI-WPANTDP087-R1A Datasheet
71Kb / 2P
This is a high gain Directional Panel antenna that operates in the 5.8 GHz Wi-Fi / WLAN band
WPANTDP084-R1A WPI-WPANTDP084-R1A Datasheet
88Kb / 2P
This is a high gain MIMO Panel antenna that operates in the 2.5 GHz LTE band
WPANTDP085-R1A WPI-WPANTDP085-R1A Datasheet
88Kb / 2P
This is a high gain MIMO Panel antenna that operates in the 3.5 GHz WiMAX band
WPANTDP086-R1A WPI-WPANTDP086-R1A Datasheet
88Kb / 2P
This is a high gain MIMO Panel antenna that operates in the 5.5 GHz Wi-Fi / WLAN band
WPANTDP088-R1A WPI-WPANTDP088-R1A Datasheet
74Kb / 2P
This is a high gain MIMO Panel antenna that operates in the 2.6 GHz WiMAX band
WPANTDP089-R1A WPI-WPANTDP089-R1A Datasheet
74Kb / 2P
This is a high gain 2x4 MIMO Panel antenna that operates in the 2.6 GHz WiMAX band
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com